Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KP460 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. KP460
Description  Polypropylene Film Foil Capacitors KP Axial Epoxy Lacquered Type
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

KP460 Datasheet(HTML) 5 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 28129
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 25-Aug-03
5
KP 460 to 464
Polypropylene Film Foil Capacitors
KP Axial Epoxy Lacquered Type
Vishay BCcomponents
URdc = 160 V; URac = 63 V
Available on request
C
(E 24)
(pF)
DIMENSIONS
dmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 461 ..... AND PACKAGING
TAPED ON REEL
LOOSE
IN BOX
UNIDIRECTIONAL
TAPE DISTANCE 63.5 mm
C-tol
= ±2%
C-tol
= ±1%
C-tol
= ±2%
C-tol
= ±1%
last 5 digits of
catalog number
SPQ
SPQ
last 5 digits of
catalog number
SPQ
lt = 30.0 mm; dt = 0.60 ±0.06 mm
3600
5.0
× 11.0
0.5
73602
83602
2500
250
03602
13602
1000
3900
0.5
73902
83902
03902
13902
4300
0.5
74302
84302
04302
14302
4700
0.5
74702
84702
04702
14702
5100
0.5
75102
85102
05102
15102
5600
0.5
75602
85602
05602
15602
6200
0.6
76202
86202
06202
16202
lt = 28.0 mm; dt = 0.60 ±0.06 mm
6800
6.0
× 15.0
0.4
76802
86802
1500
250
7500
0.7
77502
87502
8200
0.6
78202
88202
9100
0.6
79102
89102
10000
0.7
71003
81003
11000
0.7
71103
81103
12000
0.7
71203
81203
13000
0.8
71303
81303
15000
0.8
71503
81503
16000
6.5
× 15.0
0.9
71603
81603
1500
250
18000
0.9
71803
81803
20000
1.0
72003
82003
22000
7.0
× 15.0
1.1
72203
82203
1000
200
24000
1.1
72403
82403
27000
7.5
× 15.0
1.2
72703
82703
1000
150
30000
8.0
× 15.0
1.3
73003
83003
1000
150
33000
1.4
73303
83303
36000
8.5
× 15.0
1.5
73603
83603
1000
125
39000
1.6
73903
83903
PACKAGING
TAPE DISTANCE (mm)
Taped in ammopack
52.5
63.5
Taped on reel
52.5


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn