Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74ALVCH162373 Datasheet(PDF) 6 Page - Integrated Device Technology

Part No. IDT74ALVCH162373
Description  3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCH162373 Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74ALVCH162373 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74ALVCH162373
3.3V CMOS16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
ORDERING INFORMATION
IDT
XX
ALVC
XXX
XX
Package
Device Type
Temp. Range
PV
PA
162
74
Shrink Small Outline Package
Thin Shrink Small Outline Package
16-Bit Transparent D-Type Latch with 3-State Outputs
– 40°C to +85°C
XXX
Family
Bus-Hold
373
Bus-Hold
Double-Density with Resistors, ±12mA
H
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT74ALVCH163733.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC16373A3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH1623743.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16374A3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS 5V TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH162603.3V CMOS 12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH169523.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH166523.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 5V TOLERANT I/O BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC373A3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH162244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn