Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74ALVCH162373 Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. IDT74ALVCH162373
Description  3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCH162373 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74ALVCH162373 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74ALVCH162373
3.3V CMOS16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
V
VCC = 2.3V
IOH = – 4mA
1.9
IOH = – 6mA
1.7
VCC = 2.7V
IOH = – 4mA
2.2
IOH = – 8mA
2
VCC = 3V
IOH = – 6mA
2.4
IOH = – 12mA
2
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
V
VCC = 2.3V
IOL = 4mA
0.4
IOL = 6mA
0.55
VCC = 2.7V
IOL = 4mA
0.4
IOL = 8mA
0.6
VCC = 3V
IOL = 6mA
0.55
IOL = 12mA
0.8
SWITCHING CHARACTERISTICS(1)
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.
OPERATING CHARACTERISTICS, TA = 25°C
VCC = 2.5V ± 0.2V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Test Conditions
Typical
Typical
Unit
CPD
PowerDissipationCapacitanceOutputsenabled
CL = 0pF, f = 10Mhz
19
22
pF
CPD
PowerDissipationCapacitanceOutputsdisabled
4
5
VCC = 2.5V ± 0.2V
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
1.5
5.3
1.5
4.5
1.5
4
ns
tPHL
xDx to xQx
tPLH
PropagationDelay
2
5.6
2
5
2
4
ns
tPHL
xLE to xQx
tPZH
OutputEnableTime
1.5
6.5
1.5
6
1.5
5
ns
tPZL
xOE to xQx
tPHZ
OutputDisableTime
1.5
5.6
1.5
5.5
1.5
4.5
ns
tPLZ
xOE to xQx
tSU
SetupTime,databeforeLE
2—
2
2
ns
tH
HoldTime,dataafterLE
1.5
1.5
1.5
ns
tW
Pulse Duration, LE HIGH or LOW
3.3
3.3
3.3
ns
tSK(O)
OutputSkew(2)
——
500
ps


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT74ALVCH16373 3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74LVC16373A 3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology
IDT74ALVCH32373 3.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74ALVCH162374 3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74LVCH16374A 3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS 5V TOLERANT I/O AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74ALVCH16260 3.3V CMOS 12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74ALVCH16952 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74LVCH16652 3.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 5V TOLERANT I/O BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
IDT74LVC373A 3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology
IDT74LVCH162244A 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn