Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74ALVCH162373 Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT74ALVCH162373
Description  3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCH162373 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74ALVCH162373 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH162373
3.3V CMOS16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
3
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIH
Input HIGH Voltage Level
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Input LOW Voltage Level
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
IIH
Input HIGH Current
VCC = 3.6V
VI = VCC
——
±5µA
IIL
Input LOW Current
VCC = 3.6V
VI = GND
±5µA
IOZH
High Impedance Output Current
VCC = 3.6V
VO = VCC
——
±10
µA
IOZL
(3-State Output pins)
VO = GND
±10
VIK
Clamp Diode Voltage
VCC = 2.3V, IIN = –18mA
–0.7
–1.2
V
VH
Input Hysteresis
VCC = 3.3V
100
mV
ICCL
Quiescent Power Supply Current
VCC = 3.6V
0.1
40
µA
ICCH
VIN = GND or VCC
ICCZ
∆ICC
Quiescent Power Supply Current
One input at VCC - 0.6V, other inputs at VCC or GND
750
µA
Variation
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Condition: TA = –40°C to +85°C
NOTE:
1. Typical values are at VCC = 3.3V, +25°C ambient.
BUS-HOLDCHARACTERISTICS
Symbol
Parameter(1)
Test Conditions
Min.
Typ.(2)
Max.
Unit
IBHH
Bus-HoldInputSustainCurrent
VCC = 3V
VI = 2V
– 75
µA
IBHL
VI = 0.8V
75
IBHH
Bus-HoldInputSustainCurrent
VCC = 2.3V
VI = 1.7V
– 45
µA
IBHL
VI = 0.7V
45
IBHHO
Bus-Hold Input Overdrive Current
VCC = 3.6V
VI = 0 to 3.6V
±500
µA
IBHLO
NOTES:
1. Pins with Bus-Hold are identified in the pin description.
2. Typical values are at VCC = 3.3V, +25°C ambient.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT74ALVCH163733.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC16373A3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH1623743.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16374A3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS 5V TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH162603.3V CMOS 12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH169523.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH166523.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 5V TOLERANT I/O BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC373A3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH162244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn