Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74ALVCH162373 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT74ALVCH162373
Description  3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCH162373 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74ALVCH162373 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCH162373 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74ALVCH162373
3.3V CMOS16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SSOP/ TSSOP
TOP VIEW
PIN CONFIGURATION
1
Q2
GN D
VCC
GND
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
40
41
42
43
44
45
46
47
48
1
1
Q1
1
OE
1
Q 4
1
Q 3
1
Q6
1
Q5
1
Q8
1
Q7
2
Q1
2
Q3
2
Q 2
2
Q 4
VCC
2
Q 5
2
Q6
GND
2
Q 7
2
Q8
2
OE
1
D2
GND
VCC
GND
GND
1
D1
1
LE
1
D4
1
D3
1
D6
1
D5
1
D8
1
D7
2
D 1
2
D 3
2
D2
2
D 4
VCC
2
D5
2
D6
GND
2
D7
2
D 8
2
LE
NOTE:
1. As applicable to the device type.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
7
pF
COUT
Output Capacitance
VOUT = 0V
7
9
pF
CI/O
I/O Port Capacitance
VIN = 0V
7
9
pF
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +4.6
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
±50
mA
VI < 0 or VI > VCC
IOK
Continuous Clamp Current, VO < 0
–50
mA
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC.
CAPACITANCE (TA= +25°C, F = 1.0MHz)
NOTE:
1. These pins have "Bus-Hold". All other pins are standard inputs, outputs, or I/Os.
Pin Names
Description
xDx
DataInputs(1)
xLE
LatchEnableInputs
xQx
3-StateOutputs
xOE
3-StateOutputEnableInput(ActiveLOW)
PIN DESCRIPTION
Inputs
Outputs
xOE
xLE
xDx
xQx
LH
H
H
LH
L
L
HX
X
Z
LL
X
Q
o
(2)
NOTES:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = High Impedance
2. Output level before the indicated steady-state input conditions were established.
FUNCTION TABLE (EACH8-BITSECTION)(1)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT74ALVCH163733.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC16373A3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH1623743.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16374A3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS 5V TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH162603.3V CMOS 12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH169523.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH166523.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 5V TOLERANT I/O BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC373A3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH162244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn