Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIL-051A81-62DLELFHR Datasheet(PDF) 5 Page - Meder Electronic

Part # DIL-051A81-62DLELFHR
Description  Compatible with DIL socket
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

DIL-051A81-62DLELFHR Datasheet(HTML) 5 Page - Meder Electronic

  DIL-051A81-62DLELFHR Datasheet HTML 1Page - Meder Electronic DIL-051A81-62DLELFHR Datasheet HTML 2Page - Meder Electronic DIL-051A81-62DLELFHR Datasheet HTML 3Page - Meder Electronic DIL-051A81-62DLELFHR Datasheet HTML 4Page - Meder Electronic DIL-051A81-62DLELFHR Datasheet HTML 5Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
263
Sealed DIL Version w/ up to 4.25
kVDC Breakdown Voltage Option
MEDER electronic
DIL Series
RELAY DATA
www.meder.com
Germany # ++49-(0)7733-94870, USA # 800-870-5385
0
2
t
a
a
t
a
d
ll
A
0
C
>
--
l
e
d
o
M
h
c
t
i
w
S
>
--
m
r
o
F
t
c
a
t
n
o
C
5
7
h
c
t
i
w
S
A
m
r
o
F
8
8
h
c
t
i
w
S
g
H
/
A
m
r
o
F
d
e
t
t
e
w
0
9
h
c
t
i
w
S
C
m
r
o
F
s
g
n
i
t
a
R
t
c
a
t
n
o
C
s
n
o
i
t
i
d
n
o
C
.
n
i
M
.
p
y
T
.
x
a
M
.
n
i
M
.
p
y
T
.
x
a
M
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
r
e
w
o
P
g
n
i
h
c
ti
w
S
t
o
n
A
&
V
f
o
n
o
it
a
n
i
b
m
o
c
C
D
y
n
A
s
'.
x
a
m
l
a
u
d
i
v
i
d
n
i
r
i
e
h
t
d
e
e
c
x
e
o
t
0
1
5
3
3
W
e
g
a
tl
o
V
g
n
i
h
c
ti
w
SC
A
k
a
e
p
r
o
C
D0
0
0
10
0
0
15
7
1V
t
n
e
r
r
u
C
g
n
i
h
c
ti
w
S
C
A
k
a
e
p
r
o
C
D
5
.
0
0
.
1
5
2
.
0
A
t
n
e
r
r
u
C
y
r
r
a
CC
A
k
a
e
p
r
o
C
D0
.
10
.
22
.
1A
e
c
n
a
t
s
i
s
e
R
t
c
a
t
n
o
C
c
it
a
t
S
A
m
0
5
&
V
5
.
0
/
w
0
0
2
0
6
0
5
1
m
e
c
n
a
t
s
i
s
e
R
t
c
a
t
n
o
C
c
i
m
a
n
y
D
s
m
5
.
1
A
m
0
5
&
V
5
.
0
/
w
d
e
r
u
s
a
e
M
e
r
u
s
o
l
c
r
e
tf
a
0
0
20
0
20
5
2m
e
c
n
a
t
s
i
s
e
R
n
o
it
a
l
u
s
n
I
)
d
e
il
p
p
a
s
tl
o
V
0
0
1
(
s
t
c
a
t
n
o
c
s
s
o
r
c
A
li
o
c
o
t
t
c
a
t
n
o
C
0
1 0
1
0
1 2
1
0
1 0
1
0
1 2
1
0
1 9
0
1 2
1
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
s
t
c
a
t
n
o
c
s
s
o
r
c
A
li
o
c
o
t
t
c
a
t
n
o
C
0
0
5
1
5
.
1
0
0
5
1
*
5
.
1
0
0
2
5
.
1
C
D
V
C
D
V
k
e
c
n
u
o
B
.l
c
n
i
,
e
m
i
T
e
t
a
r
e
p
O
e
v
ir
d
r
e
v
o
%
0
0
1
/
w
d
e
r
u
s
a
e
M
5
.
0
5
.
2
7
.
0
s
m
e
m
i
T
t
e
s
e
Rn
o
i
s
s
e
r
p
p
u
s
li
o
c
o
n
/
w
d
e
r
u
s
a
e
M1
.
00
.
25
.
1s
m
e
c
n
a
ti
c
a
p
a
C
s
t
c
a
t
n
o
c
s
s
o
r
c
A
li
o
c
o
t
t
c
a
t
n
o
C
4
.
0
0
.
4
4
.
0
0
.
4
0
.
1
0
.
4
F
p
s
e
i
c
n
a
t
c
e
p
x
E
e
fi
L
A
m
0
1
@
s
tl
o
V
5
g
n
i
h
c
ti
w
S.
p
a
c
y
a
r
t
s
F
p
0
1
<
&
y
l
n
o
C
D0
0
50
0
0
10
0
1
0
1 6
s
e
l
c
y
C
d
e
t
a
c
o
l
n
o
it
c
e
s
t
s
e
t
e
fi
l
r
u
o
e
e
s
e
s
a
e
l
p
s
t
n
e
m
e
r
i
u
q
e
r
d
a
o
l
r
e
h
t
o
r
o
F
.
1
5
1
e
g
a
p
n
o
a
t
a
D
l
a
t
n
e
m
n
o
r
i
v
n
E
e
c
n
a
t
s
i
s
e
R
k
c
o
h
Ss
m
1
1
n
o
it
a
r
u
d
e
v
a
w
e
n
i
s
2
/
10
50
50
5g
e
c
n
a
t
s
i
s
e
R
n
o
it
a
r
b
i
V
z
H
0
0
0
2
-
0
1
m
o
r
F
0
2
0
2
0
2
g
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A0
1 0
e
l
b
a
w
o
ll
a
.
x
a
m
e
t
u
n
i
m
/
C0
2
-0
70
2
-5
50
2
-0
7
0
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
0
1 0
e
l
b
a
w
o
ll
a
.
x
a
m
e
t
u
n
i
m
/
C
5
2
-
5
8
5
2
-
5
8
5
2
-
5
8
0
C
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
Sll
e
w
d
.
c
e
s
50
6
20
6
20
6
2
0
C
.
5
1
d
n
a
3
1
t
u
o
n
i
p
r
o
f
S
M
R
V
k
0
.
3
/
C
D
V
k
5
2
.
4
*


Similar Part No. - DIL-051A81-62DLELFHR

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIL-CL MEDER-DIL-CL Datasheet
537Kb / 3P
   Line Sensing
DIL-CL-1A66-15-13M MEDER-DIL-CL-1A66-15-13M Datasheet
96Kb / 2P
   DIL Reed Relays
DIL-CL-1A66-15-13M_DE MEDER-DIL-CL-1A66-15-13M_DE Datasheet
99Kb / 2P
   (deutsch) DIL Reed Relay
DIL-CL-1A81-10-13M MEDER-DIL-CL-1A81-10-13M Datasheet
537Kb / 3P
   Line Sensing
DIL-CL-1A81-10-15M MEDER-DIL-CL-1A81-10-15M Datasheet
537Kb / 3P
   Line Sensing
More results

Similar Description - DIL-051A81-62DLELFHR

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMW38GT EUROQUARTZ-EMW38GT Datasheet
346Kb / 1P
   CMOS 14 pin DIL compatible,
logo
List of Unclassifed Man...
RASCO ETC1-RASCO Datasheet
604Kb / 2P
   4-pin Package, Compatible with 14-pin DIL
logo
Harwin Plc
M22-3020500 HARWIN-M22-3020500 Datasheet
55Kb / 1P
   2.0mm DIL CRIMP SOCKET HOUSING
M80-8440442 HARWIN-M80-8440442 Datasheet
78Kb / 1P
   DATAMATE CRIMP DIL SOCKET ASSEMBLY
D2816-42 HARWIN-D2816-42 Datasheet
181Kb / 1P
   DIL IC SOCKET OPEN FRAME
logo
EUROQUARTZ limited
EM39GS EUROQUARTZ-EM39GS Datasheet
110Kb / 1P
   Clipped Sinewave 14 pin DIL compatible
EM39S EUROQUARTZ-EM39S Datasheet
105Kb / 1P
   Clipped Sinewave 14 pin DIL compatible
logo
Harwin Plc
741-073 HARWIN-741-073 Datasheet
303Kb / 5P
   DIL IC SOCKET OPEN FRAME
M50-3110342 HARWIN-M50-3110342 Datasheet
96Kb / 1P
   1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY WITH POSTS
logo
EUROQUARTZ limited
EM38S EUROQUARTZ-EM38S Datasheet
106Kb / 1P
   Clipped Sinewave 14 pin DIL compatible
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com