Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIP05-1A90-11F Datasheet(PDF) 2 Page - Meder Electronic

Part # DIP05-1A90-11F
Description  Molded DIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

DIP05-1A90-11F Datasheet(HTML) 2 Page - Meder Electronic

  DIP05-1A90-11F Datasheet HTML 1Page - Meder Electronic DIP05-1A90-11F Datasheet HTML 2Page - Meder Electronic DIP05-1A90-11F Datasheet HTML 3Page - Meder Electronic DIP05-1A90-11F Datasheet HTML 4Page - Meder Electronic DIP05-1A90-11F Datasheet HTML 5Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
268
DIP Series
MEDER electronic
Molded DIP
Reed Relays
PIN OUT
Part Number Example
DIP12 - 1A72 - 13L
12 is the nominal voltage
1A is the contact form
72 is the switch model
13 is the pin out
L is the option
ORDER INFORMATION
www.meder.com
Germany # ++49-(0)7733-94870, USA # 800-870-5385
Y
A
L
E
R
S
E
I
R
E
S
L
A
N
I
M
O
N
E
G
A
T
L
O
V
T
C
A
T
N
O
C
M
R
O
F
H
C
T
I
W
S
L
E
D
O
M
T
U
O
N
I
P
N
O
I
T
P
O
H
T
I
W
N
O
I
S
R
E
V
)
(
D
L
E
I
H
S
C
I
T
E
N
G
A
M
P
I
D
-
X
X
X
X
-
X
X
X
X
X
S
N
O
I
T
P
O
,
5
1
,
2
1
,
5
0
4
2
A
1
5
7
,
2
7
*
3
1
,
1
1
E
,
)
Q
(
D
,
)
M
(
L
)
S
(
F
,
)
R
(
B
1
9
1
A
21
2
2
1
,
5
0
C
1
0
9
1
5
.l
i
o
c
o
t
t
c
a
t
n
o
c
e
g
a
tl
o
v
n
w
o
d
k
a
e
r
b
)
S
M
R
V
k
0
.
3
(
C
D
V
k
5
2
.
4
s
t
c
e
l
e
S
*


Similar Part No. - DIP05-1A90-11F

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP05-1A66-10B MEDER-DIP05-1A66-10B Datasheet
113Kb / 2P
   DIP Reed Relay
DIP05-1A66-10B_DE MEDER-DIP05-1A66-10B_DE Datasheet
113Kb / 2P
   (deutsch) DIP Reed Relay
DIP05-1A66-11LHR MEDER-DIP05-1A66-11LHR Datasheet
116Kb / 2P
   DIP Reed Relay
DIP05-1A66-11LHR_DE MEDER-DIP05-1A66-11LHR_DE Datasheet
115Kb / 2P
   (deutsch) DIP Reed Relay
DIP05-1A66-12DHR MEDER-DIP05-1A66-12DHR Datasheet
115Kb / 2P
   DIP Reed Relay
More results

Similar Description - DIP05-1A90-11F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4116T-2-2222FAB BOURNS-4116T-2-2222FAB Datasheet
202Kb / 1P
   Thin Film Molded DIP
4100T BOURNS-4100T Datasheet
181Kb / 1P
   Thin Film Molded DIP
logo
Meder Electronic
DIP12-1A75-13L MEDER-DIP12-1A75-13L Datasheet
493Kb / 1P
   Molded DIP Reed Relays
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7550 AVAGO-ADNS-7550 Datasheet
440Kb / 32P
   Integrated molded lead-frame DIP Sensor
ADNS-7530 AVAGO-ADNS-7530 Datasheet
493Kb / 36P
   Integrated molded lead-frame DIP Sensor
logo
National Semiconductor ...
N18A NSC-N18A Datasheet
28Kb / 1P
   MOLDED DIP, 18 LEAD, .300 CETER
logo
Pixart Imaging Inc.
ADNS-7530 PIXART-ADNS-7530_16 Datasheet
1Mb / 12P
   Integrated molded lead-frame DIP Sensor
ADNS-7530 PIXART-ADNS-7530 Datasheet
1Mb / 36P
   Integrated molded lead-frame DIP Sensor
ADNS-7550 PIXART-ADNS-7550 Datasheet
822Kb / 32P
   Integrated molded lead-frame DIP Sensor
ADNS-7550 PIXART-ADNS-7550_16 Datasheet
611Kb / 9P
   Integrated molded lead-frame DIP Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com