Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIL-241C75-62DLELFHR Datasheet(PDF) 1 Page - Meder Electronic

Part # DIL-241C75-62DLELFHR
Description  Compatible with DIL socket
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

DIL-241C75-62DLELFHR Datasheet(HTML) 1 Page - Meder Electronic

  DIL-241C75-62DLELFHR Datasheet HTML 1Page - Meder Electronic DIL-241C75-62DLELFHR Datasheet HTML 2Page - Meder Electronic DIL-241C75-62DLELFHR Datasheet HTML 3Page - Meder Electronic DIL-241C75-62DLELFHR Datasheet HTML 4Page - Meder Electronic DIL-241C75-62DLELFHR Datasheet HTML 5Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
259
DESCRIPTION
Several pin out options are possible with the 14 pin
DIL series.
Suitable for telecommunication
applications where breakdown voltages up to 4.25
kVDC and the EN60950 approval are required.
Compatible with DIL socket
Coil resistance up to 11 k
Diode option
Sealed DIL Version w/ up to 4.25
kVDC Breakdown Voltage Option
CHARACTERISTICS
All dimensions in mm [inches]
MEDER electronic
DIL Series
DIMENSIONS
ORDER INFORMATION
Part Number Example
DIL12 - 1A81 - 10LHR
12 is the nominal voltage
1A is the contact form
81 is the switch model
10 is the pin out
L is the option
HR is the high resistance
version
FEATURES
EN60950 approved
1 Form C available
High resistance available
Up to 4 Form A switches available
Magnetic shield available
4.25 kVDC breakdown voltage available
High power switching available
www.meder.com
Germany # ++49-(0)7733-94870, USA # 800-870-5385
Y
A
L
E
R
S
E
I
R
E
S
L
A
N
I
M
O
N
E
G
A
T
L
O
V
T
C
A
T
N
O
C
M
R
O
F
H
C
T
I
W
S
L
E
D
O
M
T
U
O
N
I
P
N
O
I
T
P
O
H
T
I
W
N
O
I
S
R
E
V
)
(
D
L
E
I
H
S
C
I
T
E
N
G
A
M
N
O
I
S
R
E
V
L
I
D
-
X
X
X
X
-
X
X
X
X
X
X
X
S
N
O
I
T
P
O
4
2
,
2
1
,
5
0
A
1
5
7
,
2
7
,
6
65
1
,
*
*
3
1
)
R
(
E
,)
Q
(
D
,)
M
(
L
t
,
)
S
(
F
tt
L
,
*
*
*
R
H
8
8
,
*
1
8
*
*
3
1
A
2
,
5
7
,
2
7
,
6
6
8
8
1
2L
2
1
,
5
0
C
1
0
9
*
*
1
5
L
,
*
*
*
R
H
4
2
,
2
1
,
5
0C
20
93
6
,
2
6L
.
V
4
2
f
o
e
g
a
tl
o
v
l
a
n
i
m
o
n
a
h
ti
w
e
l
b
a
li
a
v
a
t
o
n
s
i
h
c
ti
w
s
1
8
e
h
T
*
t
.
2
6
t
u
o
n
i
p
h
ti
w
e
l
b
a
li
a
v
a
t
o
N
.
e
l
b
a
li
a
v
a
t
o
n
s
i
e
g
a
tl
o
v
l
a
n
i
m
o
n
V
4
2
,
d
e
t
c
e
l
e
s
s
i
R
H
n
e
h
W
*
*
tt
.
3
6
d
n
a
2
6
s
t
u
o
n
i
p
h
ti
w
e
l
b
a
li
a
v
a
t
o
N
.
y
l
n
o
h
c
ti
w
s
0
9
d
n
a
1
8
*
*
*
.
n
o
it
p
O
o
N
=
L


Similar Part No. - DIL-241C75-62DLELFHR

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIL-CL MEDER-DIL-CL Datasheet
537Kb / 3P
   Line Sensing
DIL-CL-1A66-15-13M MEDER-DIL-CL-1A66-15-13M Datasheet
96Kb / 2P
   DIL Reed Relays
DIL-CL-1A66-15-13M_DE MEDER-DIL-CL-1A66-15-13M_DE Datasheet
99Kb / 2P
   (deutsch) DIL Reed Relay
DIL-CL-1A81-10-13M MEDER-DIL-CL-1A81-10-13M Datasheet
537Kb / 3P
   Line Sensing
DIL-CL-1A81-10-15M MEDER-DIL-CL-1A81-10-15M Datasheet
537Kb / 3P
   Line Sensing
More results

Similar Description - DIL-241C75-62DLELFHR

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMW38GT EUROQUARTZ-EMW38GT Datasheet
346Kb / 1P
   CMOS 14 pin DIL compatible,
logo
List of Unclassifed Man...
RASCO ETC1-RASCO Datasheet
604Kb / 2P
   4-pin Package, Compatible with 14-pin DIL
logo
Harwin Plc
M22-3020500 HARWIN-M22-3020500 Datasheet
55Kb / 1P
   2.0mm DIL CRIMP SOCKET HOUSING
M80-8440442 HARWIN-M80-8440442 Datasheet
78Kb / 1P
   DATAMATE CRIMP DIL SOCKET ASSEMBLY
D2816-42 HARWIN-D2816-42 Datasheet
181Kb / 1P
   DIL IC SOCKET OPEN FRAME
logo
EUROQUARTZ limited
EM39GS EUROQUARTZ-EM39GS Datasheet
110Kb / 1P
   Clipped Sinewave 14 pin DIL compatible
EM39S EUROQUARTZ-EM39S Datasheet
105Kb / 1P
   Clipped Sinewave 14 pin DIL compatible
logo
Harwin Plc
741-073 HARWIN-741-073 Datasheet
303Kb / 5P
   DIL IC SOCKET OPEN FRAME
M50-3110342 HARWIN-M50-3110342 Datasheet
96Kb / 1P
   1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY WITH POSTS
logo
EUROQUARTZ limited
EM38S EUROQUARTZ-EM38S Datasheet
106Kb / 1P
   Clipped Sinewave 14 pin DIL compatible
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com