Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSD39USRC Datasheet(PDF) 8 Page - Inolux Corporation

Part # HNSD39USRC
Description  Inolux Technologies 0.39 Dual Digit Numeric SMD Display HNSD39 Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSD39USRC Datasheet(HTML) 8 Page - Inolux Corporation

Back Button HNSD39USRC Datasheet HTML 4Page - Inolux Corporation HNSD39USRC Datasheet HTML 5Page - Inolux Corporation HNSD39USRC Datasheet HTML 6Page - Inolux Corporation HNSD39USRC Datasheet HTML 7Page - Inolux Corporation HNSD39USRC Datasheet HTML 8Page - Inolux Corporation HNSD39USRC Datasheet HTML 9Page - Inolux Corporation HNSD39USRC Datasheet HTML 10Page - Inolux Corporation HNSD39USRC Datasheet HTML 11Page - Inolux Corporation HNSD39USRC Datasheet HTML 12Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
0.39” Dual Digit
Numeric SMD Display
HNSD39 Series
Official Product
HNSD39 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSD39 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 14, 2013
Version of 1.0
Page
8/18
Electrical and Optical Characteristic
(Ta= 25°C )
Product
Emission
Color
IF (mA)
VF (V)
λ (nm)
IV (mcd)
IR (µA)
Typ.
Max.
λd
Δλ
Typ.
Max
HNSD39UBA/
HNSD39UBC
Blue
20
3.2
4.0
470
30
40
10
(VR=8V)
HNSD39TGA/
HNSD39TGC
True
Green
20
3.2
4.0
525
30
130
10
(VR=8V)
HNSD39TWA/
HNSD39TWC
White
5
3.2
4.0
X=0.29
Y=0.29
30
100
10
(VR=8V)
HNSD39UYGA/
HNSD39UYGC
Yellow
Green
20
2.1
2.6
570
20
12
10
(VR=5V)
HNSD39UYA/
HNSD39UYC
Yellow
20
2.0
2.6
590
20
30
10
(VR=5V)
HNSD39UAA/
HNSD39UAC
Amber
20
2.0
2.6
610
20
30
10
(VR=5V)
HNSD39URA/
HNSD39URC
Hyper
Red
20
2.0
2.6
625
20
30
10
(VR=5V)
HNSD39USRA/
HNSD39USRC
Super
Red
20
2.0
2.6
640
20
4
10
(VR=5V)
Luminous Intensity tolerance = +/- 15%


Similar Part No. - HNSD39USRC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSD30 INOLUX-HNSD30 Datasheet
10Mb / 18P
   Inolux Technologies 0.3 Dual Digit Numeric SMD Display
HNSD30TGA INOLUX-HNSD30TGA Datasheet
10Mb / 18P
   Inolux Technologies 0.3 Dual Digit Numeric SMD Display
HNSD30TGAC INOLUX-HNSD30TGAC Datasheet
10Mb / 18P
   Inolux Technologies 0.3 Dual Digit Numeric SMD Display
HNSD30TGC INOLUX-HNSD30TGC Datasheet
10Mb / 18P
   Inolux Technologies 0.3 Dual Digit Numeric SMD Display
HNSD30TYGAC INOLUX-HNSD30TYGAC Datasheet
10Mb / 18P
   Inolux Technologies 0.3 Dual Digit Numeric SMD Display
More results

Similar Description - HNSD39USRC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSD56 INOLUX-HNSD56 Datasheet
11Mb / 19P
   Inolux Technologies 0.56 Dual Digit Numeric SMD Display
HNSD30 INOLUX-HNSD30 Datasheet
10Mb / 18P
   Inolux Technologies 0.3 Dual Digit Numeric SMD Display
HNSD40 INOLUX-HNSD40 Datasheet
11Mb / 19P
   Inolux Technologies 0.4 Dual Digit Numeric SMD Display HNSD40 Series
HNSD20 INOLUX-HNSD20 Datasheet
9Mb / 18P
   Inolux Technologies 0.2 Dual Digit Numeric SMD Display HNSD20 Series
HNSD28 INOLUX-HNSD28 Datasheet
10Mb / 18P
   Inolux Technologies 0.28??Dual Digit Numeric SMD Display HNSD28 Series
HNSD80 INOLUX-HNSD80 Datasheet
11Mb / 19P
   Inolux Technologies 0.8 Dual Digit Numeric SMD Display HNSD80 Series
HNSD51 INOLUX-HNSD51 Datasheet
10Mb / 18P
   Inolux Technologies 0.51 Dual Digit Numeric SMD Display HNSD51 Series
HNTD39 INOLUX-HNTD39 Datasheet
1Mb / 17P
   0.39 Dual Digit Numeric Display
HNST39 INOLUX-HNST39 Datasheet
11Mb / 19P
   0.39 Triple Digit Numeric SMD Display
HNSQ39 INOLUX-HNSQ39 Datasheet
11Mb / 19P
   0.39 Four Digit Numeric SMD Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com