Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC1019 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EC1019
Description  InGaP HBT Gain Block
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EC1019 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EC1019 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC1019 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC1019 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC1019 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC1019 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC1019 Datasheet HTML 6Page - List of Unclassifed Manufacturers EC1019 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
December 2004
EC1019
InGaP HBT Gain Block
Product Information
The Communications Edge TM
Product Features
x DC – 4 GHz
x +19 dBm P1dB at 1 GHz
x +34 dBm OIP3 at 1 GHz
x 20 dB Gain at 1 GHz
x 5.5 dB Noise Figure at 2 GHz
x Available in SOT-86, SOT-89
and lead-free / green SOT-89
Package Styles
x Internally matched to 50 :
Applications
x Mobile Infrastructure
x CATV / DBS
x W-LAN / ISM
x RFID
x Defense / Homeland Security
x Fixed Wireless
Product Description
The EC1019 is a general-purpose buffer amplifier that
offers high dynamic range in a low-cost surface-mount
package. At 1000 MHz, the EC1019 typically provides 20
dB of gain, +34 dBm Output IP3, and +19 dBm P1dB.
The EC1019 consists of Darlington pair amplifiers using
the high reliability InGaP/GaAs HBT process technology
and only requires DC-blocking capacitors, a bias resistor,
and an inductive RF choke for operation. The device is
ideal for wireless applications and is available in low-cost,
surface-mountable plastic SOT-86 and SOT-89 packages.
The EC1019 is also available in a lead-free/green/RoHS-
compliant SOT-89 package. All devices are 100% RF and
DC tested.
The broadband MMIC amplifier can be directly applied to
various current and next generation wireless technologies
such as GPRS, GSM, CDMA, and W-CDMA. In addition,
the EC1019 will work for other various applications within
the DC to 4 GHz frequency range such as CATV and fixed
wireless.
Functional Diagram
RF IN
GND
RF OUT
GND
1
2
3
4
EC1019B / EC1019B-G
RF Out
RF In
GND
GND
1
2
3
4
EC1019C
Specifications (1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
DC
4000
Test Frequency
MHz
1000
Gain
dB
19.8
Output P1dB
dBm
+19
Output IP3 (2)
dBm
+34
Test Frequency
MHz
2000
Gain
dB
18
Large-signal Gain (3)
dB
14
15.5
Input Return Loss
dB
19
Output Return Loss
dB
15
Output P1dB
dBm
+19.5
Output IP3 (2)
dBm
+31
Noise Figure
dB
5.5
Device Voltage
V
4.2
5.0
5.2
Device Current
mA
70
1. Test conditions unless otherwise noted: 25º C, Supply Voltage = +6 V, Rbias = 16.5 , 50
System.
2. 3OIP measured with two tones at an output power of +4 dBm/tone separated by 1 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. Large-signal gain is tested with an input power level of +4 dBm.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
qC
Storage Temperature
-55 to +150
qC
Device Current
130 mA
RF Input Power (continuous)
+12 dBm
Junction Temperature
+250
qC
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance (4)
Parameter
Units
Typical
Frequency
MHz
500
900
1900
2140
S21
dB
21
19.8
17.5
16
S11
dB
-17
-18
-19
-20
S22
dB
-15
-15
-15
-15
Output P1dB
dBm
+19
+19
+19.5
+19
Output IP3 (2)
dBm
+34
+34
+31
+30.5
Noise Figure
dB
3.8
4.0
4.8
5.5
4. Test conditions: T = 25º C, Supply Voltage = +6 V, Device Voltage = +5V, Rbias = 16.5 , 50 System.
Ordering Information
Part No.
Description
EC1019B
InGaP HBT Gain Block
(leaded SOT-89 Pkg)
EC1019B-G
InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-89 Pkg)
ECG1019C
InGaP HBT Gain Block (SOT-86 Pkg)
EC1019B-PCB
700 – 2400 MHz Fully Assembled Eval. Board
EC1019C-PCB
700 – 2400 MHz Fully Assembled Eval. Board


Similar Part No. - EC1019

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
EC1019B WJCI-EC1019B Datasheet
181Kb / 4P
   InGaP HBT Gain Block
EC1019B-G WJCI-EC1019B-G Datasheet
181Kb / 4P
   InGaP HBT Gain Block
EC1019B-PCB WJCI-EC1019B-PCB Datasheet
181Kb / 4P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
EC1019C ETC1-EC1019C Datasheet
316Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
EC1019C WJCI-EC1019C Datasheet
166Kb / 4P
   InGaP HBT Gain Block
More results

Similar Description - EC1019

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com