Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMS29F400B Datasheet(PDF) 3 Page - Texas Instruments

Part No. TMS29F400B
Description  524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TMS29F400B Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
TMS29F400T, TMS29F400B
524288 BY 8-BIT/262144 BY 16-BIT
FLASH MEMORIES
SMJS843A – MAY 1997 – REVISED SEPTEMBER 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
description (continued)
48-PIN TSOP
DCD PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE
RESET
NC
NC
RY / BY
NC
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE
VSS
DQ15 / A–1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE
VSS
CE
A0
Device operations are selected by writing JEDEC-standard commands into the command register using
standard microprocessor write timings. The command register acts as an input to an internal-state machine
which interprets the commands, controls the erase and programming operations, outputs the status of the
device, outputs the data stored in the device, and outputs the device algorithm-selection code. On initial power
up, the device defaults to the read mode. A hardware-reset pin initializes the internal-state machine to the read
operation.
The device has low power dissipation with a 40-mA active read for the byte mode, 50-mA active read for the
word mode, 60-mA typical program/erase current mode, and less than 100-
mA standby current with a 5-mA
deep-power-down mode. These devices are offered with 80-, 90-, 100-, and 120-ns access times. Table 1 and
Table 2 show the sector-address ranges. The TMS29F400T/B is offered in a 44-pin plastic small-outline
package (PSOP) (DBJ suffix) and a 48-pin thin small-outline package (TSOP) (DCD suffix).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn