Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN1053UCP4-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN1053UCP4-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN1053UCP4-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN1053UCP4-7 Datasheet HTML 1Page - Diodes Incorporated DMN1053UCP4-7 Datasheet HTML 2Page - Diodes Incorporated DMN1053UCP4-7 Datasheet HTML 3Page - Diodes Incorporated DMN1053UCP4-7 Datasheet HTML 4Page - Diodes Incorporated DMN1053UCP4-7 Datasheet HTML 5Page - Diodes Incorporated DMN1053UCP4-7 Datasheet HTML 6Page - Diodes Incorporated DMN1053UCP4-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMN1053UCP4
Document number: DS38789 Rev. 2 - 2
5 of 7
www.diodes.com
July 2017
© Diodes Incorporated
DMN1053UCP4
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure14. Transient Thermal Resistance
D=0.9
D=0.7
D=0.5
D=0.3
D=0.1
D=0.05
D=0.02
D=0.01
D=0.005
D=Single Pulse
RθJA(t) = r(t) * RθJA
RθJA= 177℃/W
Duty Cycle, D = t1 / t2
0
100
200
300
400
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure 13. Single Pulse Maximum Power Dissipation
Single Pulse
RθJA=177℃/W
RθJA(t)=RθJA * r(t)
T
J-TA=P * R
θJA(t)


Similar Part No. - DMN1053UCP4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1054UCB4 DIODES-DMN1054UCB4 Datasheet
364Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1054UCB4-7 DIODES-DMN1054UCB4-7 Datasheet
364Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN1053UCP4-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com