Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN10H220LQ-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN10H220LQ-13
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H220LQ-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN10H220LQ-13 Datasheet HTML 1Page - Diodes Incorporated DMN10H220LQ-13 Datasheet HTML 2Page - Diodes Incorporated DMN10H220LQ-13 Datasheet HTML 3Page - Diodes Incorporated DMN10H220LQ-13 Datasheet HTML 4Page - Diodes Incorporated DMN10H220LQ-13 Datasheet HTML 5Page - Diodes Incorporated DMN10H220LQ-13 Datasheet HTML 6Page - Diodes Incorporated DMN10H220LQ-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMN10H220LQ
Document number: DS39122 Rev. 2 - 2
5 of 7
www.diodes.com
November 2016
© Diodes Incorporated
DMN10H220LQ
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure 12 Transient Thermal Resistance
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
R
(t) = r(t) * R
R
= 172癈 /W
Duty Cycle, D = t1/ t2

JA
JA
JA
RθJA (t)=r(t) * RθJA
RθJA=172℃/W
Duty Cycle, D=t1/t2


Similar Part No. - DMN10H220LQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN10H220L DIODES-DMN10H220L Datasheet
306Kb / 6P
   Low On-Resistance
DMN10H220L-13 DIODES-DMN10H220L-13 Datasheet
306Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220L-13 DIODES-DMN10H220L-13 Datasheet
306Kb / 6P
   Low On-Resistance
DMN10H220L-7 DIODES-DMN10H220L-7 Datasheet
306Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220L-7 DIODES-DMN10H220L-7 Datasheet
306Kb / 6P
   Low On-Resistance
More results

Similar Description - DMN10H220LQ-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com