Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP165J Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TLP165J
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP165J Datasheet(HTML) 3 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLP165J
2002-09-25
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=10mA
1.0
1.15
1.3
V
Reverse current
IR
VR=5V
10
µA
Capacitance
CT
V=0, f=1MHz
30
pF
Peak off
-state current
IDRM
VDRM=600V
10
1000
nA
Peak on
-state voltage
VTM
ITM=70mA
1.7
2.8
V
Holding current
IH
1.0
mA
Critical rate of rise
of off
-state voltage
dv / dt
Vin=240Vrms, Ta=85°C
(Note 3)
500
V / µs
Critical rate of rise
of commutating voltage
dv / dt(c)
IT=15mA, Vin=60Vrms
(Note 3)
0.2
V / µs
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VT=6V
10
mA
Capacitance input to output
Cs
VS=0, f=1MHz
0.8
pF
Isolation resistance
RS
VS=500V, R.H. ≤ 60%
1×10
12
10
14
AC, 1 minute
2500
AC, 1 second, in oil
5000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
5000
Vdc
Turn
-on time
tON
VD=6→4V, RL = 100Ω
IF=Rated IFT×1.5
100
µs
(Note 3) dv / dt test circuit
1
6
3
4
5V,VCC
0V
Vin
RL
4KΩ
dv / dt (c)
VCC
+
dv / dt
Rin
120Ω


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn