Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1506AT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TEA1506AT
Description  GreenChip SMPS control IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1506AT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1506AT Datasheet HTML 7Page - NXP Semiconductors TEA1506AT Datasheet HTML 8Page - NXP Semiconductors TEA1506AT Datasheet HTML 9Page - NXP Semiconductors TEA1506AT Datasheet HTML 10Page - NXP Semiconductors TEA1506AT Datasheet HTML 11Page - NXP Semiconductors TEA1506AT Datasheet HTML 12Page - NXP Semiconductors TEA1506AT Datasheet HTML 13Page - NXP Semiconductors TEA1506AT Datasheet HTML 14Page - NXP Semiconductors TEA1506AT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2003 Sep 09
11
Philips Semiconductors
Product specification
GreenChip
™II SMPS control IC
TEA1506P; TEA1506AP;
TEA1506T; TEA1506AT
Control pin protection
If pin CTRL is open-circuit or not connected, a fault
condition is assumed and the converter will stop switching.
Operation will recommence as soon as the fault condition
is removed.
Soft start-up
To prevent transformer rattle during hiccup, the
transformer peak current is slowly increased by the soft
start function. This can be achieved by inserting a resistor
and a capacitor between pin Isense and the sense resistor
(see Fig.11). An internal current source charges the
capacitor to V = ISS × RSS, with a maximum of
approximately 0.5 V.
The start level and the time constant of the increasing
primary current level can be adjusted externally by
changing the values of RSS and CSS.
The charging current ISS will flow as long as the voltage on
pin Isense is below approximately 0.5 V. If the voltage on
pin Isense exceeds 0.5 V, the soft start current source will
start limiting the current ISS. At the VCC(start) level, the ISS
current source is completely switched off.
Since the soft start current ISS is supplied from pin DRAIN,
the RSS value will not affect the VCC current during start-up.
Driver
The driver circuit to the gate of the power MOSFET has a
current sourcing capability of 135 mA typical and a current
sink capability of 560 mA typical. This permits fast turn-on
and turn-off of the power MOSFET for efficient operation.
A low driver source current has been chosen to limit the
∆V/∆t at switch-on. This reduces Electro Magnetic
Interference (EMI) and also limits the current spikes
across Rsense.
I
primary(max)
V
ocp
I
SS
R
SS
×
()
R
sense
-----------------------------------------------
=
τ
R
SS
C
SS
×
=
handbook, halfpage
CSS
RSS
Isense
Rsense
ISS
Vocp
start-up
MGU237
5
0.5 V
Fig.11 Soft start.


Similar Part No. - TEA1506AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1501 PHILIPS-TEA1501 Datasheet
116Kb / 20P
   Greeny; GreenChip
1998 Aug 19
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
TEA1507 PHILIPS-TEA1507 Datasheet
114Kb / 20P
   GreenChipII SMPS control IC
2000 Dec 05
TEA1507P PHILIPS-TEA1507P Datasheet
114Kb / 20P
   GreenChipII SMPS control IC
2000 Dec 05
More results

Similar Description - TEA1506AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com