Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8925J Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8925J
Description  Power stage 2 x 15 to 25Wclass-D audio amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8925J Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8925J Datasheet HTML 4Page - NXP Semiconductors TDA8925J Datasheet HTML 5Page - NXP Semiconductors TDA8925J Datasheet HTML 6Page - NXP Semiconductors TDA8925J Datasheet HTML 7Page - NXP Semiconductors TDA8925J Datasheet HTML 8Page - NXP Semiconductors TDA8925J Datasheet HTML 9Page - NXP Semiconductors TDA8925J Datasheet HTML 10Page - NXP Semiconductors TDA8925J Datasheet HTML 11Page - NXP Semiconductors TDA8925J Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
2004 May 06
8
Philips Semiconductors
Product specification
Power stage 2 x 15 to 25 W class-D
audio amplifier
TDA8925
12 DC CHARACTERISTICS
VP = ±15 V; Tamb =25 °C; measured in test diagram of Fig.4; unless otherwise specified.
Note
1. Temperature sensor or maximum current sensor activated.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
±7.5
±15
±30
V
Iq(tot)
total quiescent current
no load connected
25
45
mA
outputs floating
510
mA
Internal stabilizer logic supply (pin STAB)
VO(STAB)
stabilizer output voltage
referenced to VSS
11.7
13
14.3
V
Switch inputs (pins SW1 and SW2)
VIH
HIGH-level input voltage
referenced to VSS
10
15
V
VIL
LOW-level input voltage
referenced to VSS
0
2V
Control outputs (pins REL1 and REL2)
VOH
HIGH-level output voltage
referenced to VSS
10
15
V
VOL
LOW-level output voltage
referenced to VSS
0
2V
Diagnostic output (pin DIAG, open-drain)
VOL
LOW-level output voltage
IDIAG = 1 mA; note 1
0
1.0
V
ILO
output leakage current
no error condition
−−
50
µA
Enable inputs (pins EN1 and EN2)
VIH
HIGH-level input voltage
referenced to VSS
9
15
V
VIL
LOW-level input voltage
referenced to VSS
05
V
VEN(hys)
hysteresis voltage
4
V
II(EN)
input current
−−
300
µA
Switching-on input (pin POWERUP)
VPOWERUP
operating voltage
referenced to VSS
5
12
V
II(POWERUP)
input current
VPOWERUP =12V
100
170
µA
Temperature protection
Tdiag
temperature activating diagnostic
VDIAG =VDIAG(LOW)
150
−−°C
Thys
hysteresis on temperature
diagnostic
VDIAG =VDIAG(LOW)
20
−°C
Current protection
IO(ocpl)
overcurrent protection level
3.5
A


Similar Part No. - TDA8925J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
More results

Similar Description - TDA8925J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
logo
Princeton Technology Co...
PT2004 PTC-PT2004 Datasheet
226Kb / 3P
   2.2W x 2 Class-D Audio Power Amplifier
PT2832 PTC-PT2832 Datasheet
309Kb / 5P
   22W x 2, Class-D Audio Power Amplifier
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
   15W x 2, Class-D Audio Power Amplifier
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
logo
STMicroelectronics
TDA7379 STMICROELECTRONICS-TDA7379 Datasheet
587Kb / 7P
   4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER 2 X 13 1 X 38W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com