Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDS1012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. TDS1012
Description  Digital Storage Oscilloscopes
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

TDS1012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features & Benefits
60 MHz, 100 MHz, and
200 MHz Bandwidths
Sample Rates up to 2 GS/s
2 or 4 Channels
Color or Monochrome
LCD Display
CompactFlash
® Mass
Storage Option with
TDS2MEM Module
Autoset Menu with
Waveform Selection
Probe Check Wizard to
Ensure Correct Probe Usage
Context-sensitive Help
Dual Time Base
Advanced Triggers,
Including Pulse Width
Trigger and Line-Selectable
Video Trigger
11 Automatic Measurements
Multi-language User Interface
Waveform and
Setup Memories
FFT Standard on All Models
OpenChoiceSolutions
Speed Documentation and
Analysis of Measurement
Results
– TDS2CMAX Communication
Module
– TDS2MEM Storage Memory
and Communication Module
– TDSPCS1 OpenChoice
Software
–WaveStarSoftware
– Integration with
Third-party Software
Applications
Design and Debug
Education and Training
Manufacturing Test
and Quality Control
Service and Repair
Digital Storage Oscilloscopes
TDS1002 TDS1012 TDS2002 TDS2012 TDS2014 TDS2022 TDS2024
TDS1000 and TDS2000 Series Oscilloscopes.
Colorful Performance at a Black and White Price.
Digital Storage Oscilloscopes TDS1000 and TDS2000 Series
www.tektronix.com/tds2000
1
The TDS1000 Series and TDS2000 Series
digital storage oscilloscopes deliver an
unbeatable combination of superior
performance, unmatched ease-of-use,
and affordability in an ultra lightweight,
portable package.
Affordable Digital Precision
With up to 200 MHz bandwidth and 2 GS/s
maximum sample rate, no other color digital
storage oscilloscope offers as much band-
width and sample rate for the price. The
TDS1000 and TDS2000 Series oscilloscopes
provide accurate real-time acquisition up to
their full bandwidth, advanced triggers to
isolate signals of interest, and 11 standard
automatic measurements on all models.
Their Fast Fourier Transform (FFT) math
function allows the user to analyze, charac-
terize and troubleshoot circuits by viewing
frequency and signal strength (standard
on all models).


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISD5116Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability 1 2 3 4 5 MoreWinbond
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISD5100SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY 1 2 3 4 5 MoreWinbond
TMS40249 X 64 DIGITAL STORAGE BUFFER FIFO 1 2 3 4 5 Texas Instruments
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M57716L360-380MHz 12.5V 13W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
M65821FPCD PLAYER DIGITAL SIGNAL PROCESSOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M68749380-400MHz 12.5V 5W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
MF1053S-1FOR DIGITAL MOBILE TELEPHONE Rx 1 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn