Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDS1012 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. TDS1012
Description  Digital Storage Oscilloscopes
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

TDS1012 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Digital Storage Oscilloscopes TDS1000 and TDS2000 Series
www.tektronix.com/tds2000
5
Digital Storage Oscilloscopes
TDS1002 TDS1012 TDS2002 TDS2012 TDS2014 TDS2022 TDS2024
I/O Interface
I/O interface
TDS2CMAX Communication Module
TDS2MEM Storage Memory
and Communication Module
Compatibility
TDS200, TDS1000, TDS2000 Series Oscilloscopes
TDS1000, TDS2000 Series Oscilloscopes
Printer Port
Centronics-type Parallel
Printer Capability
Graphics File Formats – TIFF, PCX (PC Paint Brush), BMP (Microsoft Windows), EPS (Encapsulated Postscript) and RLE
(Requires Module)
Printer Formats – Bubble Jet, DPU-411, DPU-412, DPU-3445, Thinkjet, Deskjet, Laser Jet,
Epson Dot (9- or 24-pin)*2, Epson C60*2, Epson C80
Layout – Landscape and Portrait
RS-232 Programmability
Full talk/listen modes. Control of all modes, settings and measurements.
Baud rate up to 19,200. 9-pin DTE RS-232 Cable (012-1651-00) included
GPIB (IEEE std. 488-1987)
Full talk/listen modes. Control of all modes,
Not Available
Programmability
settings and measurements.
Mass Storage
Not Available
Type 1 CompactFlash memory card supplied with Module*3
CompactFlash
® Memory
Accepts any Type 1 CompactFlash card, up to and including 1 GB
Built-in Clock/Calendar
Includes CompactFlash to USB Memory Card Reader
for use with Personal Computer
OpenChoicePC
TDSPCS1 OpenChoice PC Communications Software included with each Module
Communications
Seamless connection from oscilloscope to PC through GPIB and RS-232
Software
Transfer and save settings, waveforms, measurements, and screen images
Includes a Windows desktop data transfer application in addition to convenient Microsoft Word and Excel Toolbar Add-ins
*2Requires instrument firmware version 2.12/4.12 or higher to support Epson C60/C80 printer formats.
*3Supplied Type 1 CompactFlash memory card storage capacity 8 MB or greater.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISD5116Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability 1 2 3 4 5 MoreWinbond
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISD5100SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY 1 2 3 4 5 MoreWinbond
TMS40249 X 64 DIGITAL STORAGE BUFFER FIFO 1 2 3 4 5 Texas Instruments
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M57716L360-380MHz 12.5V 13W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
M65821FPCD PLAYER DIGITAL SIGNAL PROCESSOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M68749380-400MHz 12.5V 5W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
MF1053S-1FOR DIGITAL MOBILE TELEPHONE Rx 1 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn