Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSD30URAC Datasheet(PDF) 7 Page - Inolux Corporation

Part # HNSD30URAC
Description  Inolux Technologies 0.3 Dual Digit Numeric SMD Display
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSD30URAC Datasheet(HTML) 7 Page - Inolux Corporation

Back Button HNSD30URAC Datasheet HTML 3Page - Inolux Corporation HNSD30URAC Datasheet HTML 4Page - Inolux Corporation HNSD30URAC Datasheet HTML 5Page - Inolux Corporation HNSD30URAC Datasheet HTML 6Page - Inolux Corporation HNSD30URAC Datasheet HTML 7Page - Inolux Corporation HNSD30URAC Datasheet HTML 8Page - Inolux Corporation HNSD30URAC Datasheet HTML 9Page - Inolux Corporation HNSD30URAC Datasheet HTML 10Page - Inolux Corporation HNSD30URAC Datasheet HTML 11Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
0.3” Dual Digit
Numeric SMD Display
HNSD30 Series
Official Product
HNSD30 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSD30 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 14, 2013
Version of 1.0
Page
7/18
Product Characteristic
Absolute Maximum Rating
(Ta= 25°C )
Product
Emission
Color
PAD
(mW)
IAF
(mA)
IPF
(mA)
VR
(V)
TOP(°C)
TST(°C)
Derate From
25°C (mA/°C)
HNSD30UBA/
HNSD30UBC
Blue
120
30
100
5
-40 ~ +105
-40 ~ +105
0.3
HNSD30TGA/
HNSD30TGC
True
Green
120
30
100
5
-40 ~ +105
-40 ~ +105
0.3
HNSD30UYGA/
HNSD30UYGC
Yellow
Green
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSD30UYA/
HNSD30UYC
Yellow
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSD30UAA/
HNSD30UAC
Amber
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSD30URA/
HNSD30URC
Hyper
Red
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSD30USRA/
HNSD30USRC
Super
Red
75
30
100
5
-40 ~ +105
-40 ~ +105
0.3


Similar Part No. - HNSD30URAC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSD39 INOLUX-HNSD39 Datasheet
11Mb / 19P
   Inolux Technologies 0.39 Dual Digit Numeric SMD Display HNSD39 Series
HNSD39TGA INOLUX-HNSD39TGA Datasheet
11Mb / 19P
   Inolux Technologies 0.39 Dual Digit Numeric SMD Display HNSD39 Series
HNSD39TGC INOLUX-HNSD39TGC Datasheet
11Mb / 19P
   Inolux Technologies 0.39 Dual Digit Numeric SMD Display HNSD39 Series
HNSD39TWA INOLUX-HNSD39TWA Datasheet
11Mb / 19P
   Inolux Technologies 0.39 Dual Digit Numeric SMD Display HNSD39 Series
HNSD39TWC INOLUX-HNSD39TWC Datasheet
11Mb / 19P
   Inolux Technologies 0.39 Dual Digit Numeric SMD Display HNSD39 Series
More results

Similar Description - HNSD30URAC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSD56 INOLUX-HNSD56 Datasheet
11Mb / 19P
   Inolux Technologies 0.56 Dual Digit Numeric SMD Display
HNSD40 INOLUX-HNSD40 Datasheet
11Mb / 19P
   Inolux Technologies 0.4 Dual Digit Numeric SMD Display HNSD40 Series
HNSD20 INOLUX-HNSD20 Datasheet
9Mb / 18P
   Inolux Technologies 0.2 Dual Digit Numeric SMD Display HNSD20 Series
HNSD28 INOLUX-HNSD28 Datasheet
10Mb / 18P
   Inolux Technologies 0.28??Dual Digit Numeric SMD Display HNSD28 Series
HNSD80 INOLUX-HNSD80 Datasheet
11Mb / 19P
   Inolux Technologies 0.8 Dual Digit Numeric SMD Display HNSD80 Series
HNSD39 INOLUX-HNSD39 Datasheet
11Mb / 19P
   Inolux Technologies 0.39 Dual Digit Numeric SMD Display HNSD39 Series
HNSD51 INOLUX-HNSD51 Datasheet
10Mb / 18P
   Inolux Technologies 0.51 Dual Digit Numeric SMD Display HNSD51 Series
HNTT30 INOLUX-HNTT30 Datasheet
1Mb / 17P
   Technologies 0.3 Triple Digit Numeric Display
HNST30 INOLUX-HNST30 Datasheet
10Mb / 18P
   0.3 Triple Digit Numeric SMD Display
HNSQ30 INOLUX-HNSQ30 Datasheet
10Mb / 18P
   0.3 Four Digit Numeric SMD Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com