Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCST1030 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. TCST1030
Description  Transmissive Optical Sensor with Phototransistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

TCST1030 Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TCST1030(L)
Vishay Semiconductors
www.vishay.com
4 (8)
Rev. A4, 17–Jul–00
Document Number 83763
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
30
60
90
120
0
100
200
300
400
150
95 11088
Tamb – Ambient Temperature ( °C )
Coupled device
Phototransistor
IR-diode
Figure 3. Total Power Dissipation vs.
Ambient Temperature
0.1
1.0
10.0
100.0
1000.0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF – Forward Voltage ( V )
96 11862
Figure 4. Forward Current vs. Forward Voltage
0.6
0.7
0.8
0.9
1.0
1.1
1.2
–30–20–10 0 10 20 30 40 50 60 70 80 90 100
Tamb – Ambient Temperature ( °C )
96 11767
VCE=5V
IF=20mA
Figure 5. Relative Current Transfer Ratio vs.
Ambient Temperature
025
50
75
1
10
100
1000
10000
Tamb – Ambient Temperature ( °C )
100
95 11090
VCE=25V
IF=0
Figure 6. Collector Dark Current vs. Ambient Temperature
0.01
0.10
1.00
10.00
0.1
1.0
10.0
100.0
IF – Forward Current ( mA )
96 11768
VCE=10V
Figure 7. Collector Current vs. Forward Current
0.01
0.10
1.00
10.00
0.1
1.0
10.0
100.0
VCE – Collector Emitter Voltage ( V )
96 11769
IF=20mA
10mA
5mA
2mA
1mA
Figure 8. Collector Current vs. Collector Emitter Voltage


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn