Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6821RWY6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM6821RWY6F
Description  5-Pin Supervisor with Watchdog Timer and Push-button Reset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6821RWY6F Datasheet(HTML) 1 Page - STMicroelectronics

  STM6821RWY6F Datasheet HTML 1Page - STMicroelectronics STM6821RWY6F Datasheet HTML 2Page - STMicroelectronics STM6821RWY6F Datasheet HTML 3Page - STMicroelectronics STM6821RWY6F Datasheet HTML 4Page - STMicroelectronics STM6821RWY6F Datasheet HTML 5Page - STMicroelectronics STM6821RWY6F Datasheet HTML 6Page - STMicroelectronics STM6821RWY6F Datasheet HTML 7Page - STMicroelectronics STM6821RWY6F Datasheet HTML 8Page - STMicroelectronics STM6821RWY6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
PRELIMINARY DATA
December 2004
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
STM6321/6322
STM6821/6822/6823/6824/6825
5-Pin Supervisor with
Watchdog Timer and Push-button Reset
FEATURES SUMMARY
PRECISION VCC MONITORING OF 5V, 3.3V,
3V, OR 2.5V POWER SUPPLIES
STM6xxxL
STM6xxxM
STM6xxxT
STM6xxxS
STM6xxxR
STM6xxxZ
RST OUTPUTS (ACTIVE-LOW, PUSH-PULL
OR OPEN DRAIN)
RST OUTPUTS (ACTIVE-HIGH, PUSH-
PULL)
200ms (TYP) trec
WATCHDOG TIMER - 1.6sec (TYP)
MANUAL RESET INPUT (MR)
LOW SUPPLY CURRENT - 3µA (TYP)
GUARANTEED RST (RST) ASSERTION
DOWN TO VCC = 1.0V
OPERATING TEMPERATURE:
–40°C to 85°C (Industrial Grade)
Figure 1. Package
Table 1. Device Options
SOT23-5 (WY)
Part Number
Watchdog Input
Manual Reset
Input
Reset Output
Active-Low
(Push-pull)
Active-High
(Push-pull)
Active-Low
(Open Drain)
STM6321
✔✔
STM6322
✔✔
STM6821
✔✔
STM6822
✔✔
STM6823
✔✔
STM6824
✔✔
STM6825
✔✔


Similar Part No. - STM6821RWY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6821RWY6F STMICROELECTRONICS-STM6821RWY6F Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
More results

Similar Description - STM6821RWY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_08 Datasheet
259Kb / 28P
   5-pin supervisor with watchdog timer and push-button reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com