Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPM20-E-24ELF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # PPM20-E-24ELF
Description  Over Voltage Protection (out)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PPM20-E-24ELF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PPM20-E-24ELF Datasheet HTML 1Page - PEAK electronics GmbH PPM20-E-24ELF Datasheet HTML 2Page - PEAK electronics GmbH PPM20-E-24ELF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PPM-Series – PPM20-E-xxELF – Single Output - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single Output
Order #
Pow
er (
W)
Out
put
Vol
tage
(Vd
c)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
SINGLE OUTPUT
PPM20-E-3R3ELF
11.8
3.3
3600
74
PPM20-E-05ELF
18
5
3600
78
PPM20-E-12ELF
20
12
1660
82
PPM20-E-15ELF
20
15
1330
83
PPM20-E-24ELF
20
24
833
83
If you need other specifications, please enquire.
Package / Pinning / Derating
All dimensions are typical in millimeters (inches).
- Pin diameter: 1.0 +/-0.10 (0.04 +/-0.004)
- Pin pitch tolerance: +/-0.35 (+/-0.014)
- Case tolerance +/-0.5 (+/-0.02)
Specification may change without notice.
Modelcode
Datecode
23.50
(0.93)
2" x 1" – PLASTIC CASE
2
4
1
3
45.72
(1.80)
6.00
(0.24)
PE
AK
53.50
(2.10)
Bottom View
#
SINGLE
1
AC (N)
2
AC (L)
3
+ Vout
4
- Vout
PIN CONNECTIONS


Similar Part No. - PPM20-E-24ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM20-D-0505DLF PEAK-PPM20-D-0505DLF Datasheet
83Kb / 3P
   5- 20 W AC/DC CONVERTER TRIPLE OUTPUT
PPM20-D-0505ZSLF PEAK-PPM20-D-0505ZSLF Datasheet
84Kb / 3P
   5 - 20 W AC/DC CONVERTER ISOL./SEP. TWIN OUTPUT
PPM20-D-0512DLF PEAK-PPM20-D-0512DLF Datasheet
83Kb / 3P
   5- 20 W AC/DC CONVERTER TRIPLE OUTPUT
PPM20-D-0512ZSLF PEAK-PPM20-D-0512ZSLF Datasheet
84Kb / 3P
   5 - 20 W AC/DC CONVERTER ISOL./SEP. TWIN OUTPUT
PPM20-D-0515DLF PEAK-PPM20-D-0515DLF Datasheet
83Kb / 3P
   5- 20 W AC/DC CONVERTER TRIPLE OUTPUT
More results

Similar Description - PPM20-E-24ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM02-S-3R3ELF PEAK-PPM02-S-3R3ELF Datasheet
233Kb / 3P
   Over Voltage Protection (out)
PPM01-S-3R3ELF PEAK-PPM01-S-3R3ELF Datasheet
233Kb / 3P
   Over Voltage Protection (out)
PPM03-S-3R3ELF PEAK-PPM03-S-3R3ELF Datasheet
132Kb / 3P
   Over Voltage Protection (out)
logo
Silicon Touch Technolog...
PS224 SITI-PS224 Datasheet
143Kb / 12P
   Over/Under-voltage protection and lock out
PS224A1 SITI-PS224A1 Datasheet
137Kb / 10P
   Over/Under-voltage protection and lock out
PS229 SITI-PS229 Datasheet
155Kb / 11P
   Over/Under-voltage protection and lock out
PS222L SITI-PS222L Datasheet
145Kb / 13P
   Over/Under-voltage protection and lock out
PS25A SITI-PS25A Datasheet
161Kb / 11P
   Over/Under-voltage protection and lock out
PS224A SITI-PS224A Datasheet
138Kb / 10P
   Over/Under-voltage protection and lock out
PS252C SITI-PS252C Datasheet
136Kb / 10P
   Over/Under-voltage protection and lock out
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com