Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

310391 Datasheet(PDF) 2 Page - METZ CONNECT GmbH

Part # 310391
Description  screw type terminal block, pluggable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

310391 Datasheet(HTML) 2 Page - METZ CONNECT GmbH

  310391 Datasheet HTML 1Page - METZ CONNECT GmbH 310391 Datasheet HTML 2Page - METZ CONNECT GmbH 310391 Datasheet HTML 3Page - METZ CONNECT GmbH 310391 Datasheet HTML 4Page - METZ CONNECT GmbH 310391 Datasheet HTML 5Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2/5
Data Sheet
P/N
310071xx
xx=number of poles
2017/05/04
RP025xxIBWC
Technical Data
General Data
Tightening torque SEV
0.5 Nm
Tightening torque UL
7 lb-in
min. number of poles
2
max. number of poles
24
Insulating material class
CTI 600
clearance/creepage dist.
2.3 mm
protection category
IP 20
Overvoltage category
III
III
II
Pollution degree
3
2
2
Rated voltage
100.0 V
320.0 V
320.0 V
Rated test voltage
2.5 kV
2.5 kV
2.5 kV
Connection data
Rated wiring solid wire
0.33 - 2.5 mm² / AWG 22 - 12
Rated wiring stranded wire
0.33 - 2.5 mm² / AWG 22 - 12
Approvals
extended wiring UL
Wire range extended to No. 30 AWG for factory-wiring. Two same size wires No.
22-16 AWG Cu, Sol/Str for field-wiring; No. 30-16 AWG Cu Sol/Str
factory-wiring.
V / A / AWG
300 / 15 / 22 - 12
10 A / 250 V / 2.5 kV / 3 / IEC 61984 /
0.33 - 2.5 mm²
Material
insulating material
PA66
flammability class
V0
contact material
CuBe
Glow-Wire Flammability GWFI
960
Glow-Wire Flammability GWIT
775
contact surface
Ni + Ag
terminal body material
CuZn
terminal body surface
Cu + Ni


Similar Part No. - 310391

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
310391 METZ-310391 Datasheet
314Kb / 5P
   screw type terminal block, pluggable
310391 METZ-310391 Datasheet
322Kb / 5P
   fittable without loss of poles
More results

Similar Description - 310391

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
311071XX METZ-311071XX Datasheet
314Kb / 5P
   screw type terminal block, pluggable
logo
Mallory Sonalert Produc...
ACC02 MSPI-ACC02 Datasheet
32Kb / 1P
   Pluggable Screw Terminal Block 180쨘 Wire Entry
logo
METZ CONNECT GmbH
310611XX METZ-310611XX Datasheet
254Kb / 5P
   screw type terminal block, solderable
311011XX METZ-311011XX Datasheet
250Kb / 5P
   screw type terminal block, solderable
310151XX METZ-310151XX Datasheet
258Kb / 5P
   screw type terminal block, solderable
logo
Adam Technologies, Inc.
EBQ-XX-D-C ADAM-TECH-EBQ-XX-D-C Datasheet
72Kb / 1P
   TERMINAL BLOCK SOCKET PLUGGABLE VERTICAL
EBR-08-B-K02-K06 ADAM-TECH-EBR-08-B-K02-K06 Datasheet
96Kb / 1P
   TERMINAL BLOCK SOCKET PLUGGABLE VERTICAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com