Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAR5SB33 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TAR5SB33
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TAR5SB33 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TAR5SB33 Datasheet HTML 1Page - Toshiba Semiconductor TAR5SB33 Datasheet HTML 2Page - Toshiba Semiconductor TAR5SB33 Datasheet HTML 3Page - Toshiba Semiconductor TAR5SB33 Datasheet HTML 4Page - Toshiba Semiconductor TAR5SB33 Datasheet HTML 5Page - Toshiba Semiconductor TAR5SB33 Datasheet HTML 6Page - Toshiba Semiconductor TAR5SB33 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAR5SB15~TAR5SB33
2001-04-13
3
TAR5SB15, TAR5SB18
Electrical Characteristic (unless otherwise specified, VIN
==== VOUT ++++ 1 V, IOUT ==== 50 mA,
CIN
==== 1 mmmmF, COUT ==== 10 mmmmF, CNOISE ==== 0.01 mmmmF, Tj ==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
Please refer to the Output Voltage Accuracy table.
Line regulation
Reg・line
VOUT + 1 V <
= VIN <= 15 V,
IOUT = 1 mA
¾
3
15
mV
Load regulation
Reg・load
1 mA <
= IOUT <= 150 mA
¾
25
75
mV
IB1
IOUT = 0 mA
¾
170
¾
Quiescent current
IB2
IOUT = 50 mA
¾
550
850
mA
Stand-by current
IB (OFF)
VCT = 0 V
¾
¾
0.1
mA
Output noise voltage
VNO
IOUT = 10 mA,
10 Hz <
= f <= 100 kHz, Ta = 25°C
¾
30
¾
mVrms
Temperature coefficient
TCVO
-40°C <= Topr <= 85°C
¾
100
¾
ppm/°C
Input voltage
VIN
¾
2.4
¾
15
V
Ripple rejection
R.R.
IOUT = 10 mA, f = 1 kHz,
VRipple = 500 mVp-p, Ta = 25°C
¾
70
¾
dB
Control voltage (ON)
VCT (ON)
¾
1.5
¾
VIN
V
Control voltage (OFF)
VCT (OFF)
¾
¾
¾
0.4
V
Control current (ON)
ICT (ON)
VCT (ON) = 1.5 V
¾
3
10
mA
Control current (OFF)
ICT (OFF)
VCT (OFF) = 0 V
¾
0
0.1
mA
TAR5SB23~TAR5SB33
Electrical Characteristic (unless otherwise specified, VIN
==== VOUT ++++ 1 V, IOUT ==== 50 mA,
CIN
==== 1 mmmmF, COUT ==== 10 mmmmF, CNOISE ==== 0.01 mmmmF, Tj ==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
Please refer to the Output Voltage Accuracy table.
Line regulation
Reg・line
VOUT + 1 V <
= VIN <= 15 V,
IOUT = 1 mA
¾
3
15
mV
Load regulation
Reg・load
1 mA <
= IOUT <= 150 mA
¾
25
75
mV
IB1
IOUT = 0 mA
¾
170
¾
Quiescent current
IB2
IOUT = 50 mA
¾
550
850
mA
Stand-by current
IB (OFF)
VCT = 0 V
¾
¾
0.1
mA
Output noise voltage
VNO
IOUT = 10 mA,
10 Hz <
= f <= 100 kHz, Ta = 25°C
¾
30
¾
mVrms
Dropout voltage
VIN-VOUT
IOUT = 50 mA
¾
130
200
mV
Temperature coefficient
TCVO
-40°C <= Topr <= 85°C
¾
100
¾
ppm/°C
Input voltage
VIN
¾
VOUT
+ 0.2 V
¾
15
V
Ripple rejection
R.R.
IOUT = 10 mA, f = 1 kHz,
VRipple = 500 mVp-p, Ta = 25°C
¾
70
¾
dB
Control voltage (ON)
VCT (ON)
¾
1.5
¾
VIN
V
Control voltage (OFF)
VCT (OFF)
¾
¾
¾
0.4
V
Control current (ON)
ICT (ON)
VCT (ON) = 1.5 V
¾
3
10
mA
Control current (OFF)
ICT (OFF)
VCT (OFF) = 0 V
¾
0
0.1
mA
Preliminary


Similar Part No. - TAR5SB33

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5SB33 TOSHIBA-TAR5SB33 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
More results

Similar Description - TAR5SB33

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com