Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

142M2X15010 Datasheet(PDF) 4 Page - METZ CONNECT GmbH

Part No. 142M2X15010
Description  Connection line M12 plug straight - RJ45 plug straight 8-pole, X-coded 1.0 m
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  METZ [METZ CONNECT GmbH]
Homepage  https://www.metz-connect.com/us
Logo 

142M2X15010 Datasheet(HTML) 4 Page - METZ CONNECT GmbH

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data sheet
Connection line M12 plug straight - RJ45 plug straight
8-pole, X-coded 1.0 m
Page 4/5
P/N
142M2X15010
EAN 4250184158394
2017-10-10
Technical Data
Environmental conditions
Temperature (min. - max.)
Temperature - Storage °C
-20 - 75 °C
Temperature - Storage °F
-4 - 167 °F
Temperature - Operating °C
-20 - 75 °C
Temperature - Operating °F
-4 - 167 °F
Particulate ingress interface 1
IP2X
Liquid ingress/immersion interface 1
IPX0
Particulate ingress interface 2
IP6X when plugged in
Liquid ingress/immersion interface 2
IPX7 when plugged in
Pollution degree interface 1
1
Pollution degree interface 2
3/2
Approvals
RoHS
compliant
The product meets the following standards
Generic cabling systems
General requirements
ISO/IEC 11801-1 | DIN EN 50173-1
Multi-element metallic cables used in analogue and
digital communication and control
DIN EN 50288-4-1
Test for vertical flame propagation for a single insulated
wire or cable
DIN EN 60332-1-2
Measurement of smoke density of cables burning
DIN EN 61034
Classifications
ETIM 5.0
EC002599
ETIM 6.0
EC002599
Packing details
Type of packaging
1 pc(s) / plastic bag
Packaging unit - Weight (gram)
120.00 g
Packaging unit - Weight (pound)
0.26 lb


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn