Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

142M2X15010 Datasheet(PDF) 3 Page - METZ CONNECT GmbH

Part No. 142M2X15010
Description  Connection line M12 plug straight - RJ45 plug straight 8-pole, X-coded 1.0 m
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  METZ [METZ CONNECT GmbH]
Homepage  https://www.metz-connect.com/us
Logo 

142M2X15010 Datasheet(HTML) 3 Page - METZ CONNECT GmbH

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data sheet
Connection line M12 plug straight - RJ45 plug straight
8-pole, X-coded 1.0 m
Page 3/5
P/N
142M2X15010
EAN 4250184158394
2017-10-10
Technical Data
Connections/interfaces
Termination data, stranded wire (min. - max.)
Conductor cross section, stranded wire
AWG 26/7
Conductor cross section, stranded wire
0.141 mm²
Conductor diameter, stranded wire (bare copper)
0.483 mm
Conductor diameter, stranded wire (bare copper)
0.019 in.
Cable sheath diameter (min. - max.)
Cable sheath diameter
6.40 mm
Cable sheath diameter
0.236 in.
Electrical characteristics
Through resistance
max. 5 mOhm
Insulation resistance
min. 100 MOhm
Mechanical characteristics
Bending radius without load
min. 64 mm
Materials and material properties
Material - Conductor
Cu (copper)
Material - Cable jacket
PUR
Material - Plug housing interface 1
PVC (polyvinyl chloride)
Material - Body interface 2
Plastics
Material - Contact interface 1
CuSn (tin bronze)
Material - Contact interface 2
CuZn (brass)
Material - Contact finish interface 2
Au (gold)
Material - Contact carriers interface 2
Plastics
Material - Union nut interface 2
CuZn (brass)
Material - Union nut finish interface 2
Ni (nickel)
Material - Shield interface 1
CuSn (tin bronze)
Material - Main shield
Cu (copper) braid
Material - Main shield finish
Sn (tin)
Flame retardancy
yes


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn