Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

142M2X15010 Datasheet(PDF) 1 Page - METZ CONNECT GmbH

Part No. 142M2X15010
Description  Connection line M12 plug straight - RJ45 plug straight 8-pole, X-coded 1.0 m
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  METZ [METZ CONNECT GmbH]
Homepage  https://www.metz-connect.com/us
Logo 

142M2X15010 Datasheet(HTML) 1 Page - METZ CONNECT GmbH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data sheet
Connection line M12 plug straight - RJ45 plug straight
8-pole, X-coded 1.0 m
Page 1/5
P/N
142M2X15010
EAN 4250184158394
2017-10-10
Illustrations
Dimensional drawing
Wiring
See enlarged drawings at the end of document
Product specification
• shielded M12-plug to RJ45-plug connection line
• Cat.6, 8-pole
• M12-connector, X-coded, straight to RJ45-plug
• connectors over molded
• stranded wires 4x2xAWG26/7 PiMF
• pin assignment per T568B
• overall shield tinned copper braid
• green cable, PUR
• standard variants: 1.0 m, 2.0 m, 5.0 m, 10.0 m
• other cable lengths on request


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn