Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA7808F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TA7808F
Description  Three Terminal Positive Voltage Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7808F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TA7808F Datasheet HTML 3Page - Toshiba Semiconductor TA7808F Datasheet HTML 4Page - Toshiba Semiconductor TA7808F Datasheet HTML 5Page - Toshiba Semiconductor TA7808F Datasheet HTML 6Page - Toshiba Semiconductor TA7808F Datasheet HTML 7Page - Toshiba Semiconductor TA7808F Datasheet HTML 8Page - Toshiba Semiconductor TA7808F Datasheet HTML 9Page - Toshiba Semiconductor TA7808F Datasheet HTML 10Page - Toshiba Semiconductor TA7808F Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TA7805,057,06,07,08,09,10,12,15,18,20,24F
2001-06-08
7
TA7815F
Electrical Characteristics
(Unless otherwise specified, VIN = 23 V, IOUT = 500 mA, 0°C Tj 125°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C, IOUT = 100 mA
14.4
15.0
15.6
V
17.5 V ≤ VIN ≤ 30 V
11
300
Line regulation
Reg·line
1
Tj = 25°C
20 V ≤ VIN ≤ 26 V
3
150
mV
5 mA ≤ IOUT ≤ 1.4 A
12
300
Load regulation
Reg·load
1
Tj = 25°C
250 mA ≤ IOUT ≤ 750 mA
4
150
mV
Output voltage
VOUT
1
Tj = 25°C
17.5 V ≤ VIN ≤ 30 V
5.0 mA ≤ IOUT ≤ 1.0 A
14.25
15.75
V
Quiescent current
IB
1
Tj = 25°C, IOUT = 5 mA
4.4
8.0
mA
Quiescent current change
∆IB
1
17.5 V ≤ VIN ≤ 30 V,
IOUT = 5 mA, Tj = 25°C
1.0
mA
Output noise voltage
VNO
2
Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz
IOUT = 50 mA
110
µVrms
Ripple rejection
R.R.
3
f = 120 Hz, 23 V ≤ VIN ≤ 28.5 V
IOUT = 50 mA, Tj = 25°C
49
65
dB
Dropout voltage
VD
1
IOUT = 1.0 A, Tj = 25°C
2.0
V
Short circuit current limit
ISC
1
Tj = 25°C
0.5
A
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5 mA
−2.0
mV/°C
TA7818F
Electrical Characteristics
(Unless otherwise specified, VIN = 27 V, IOUT = 500 mA, 0°C Tj 125°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C, IOUT = 100 mA
17.3
18.0
18.7
V
21 V ≤ VIN ≤ 33 V
13
360
Line regulation
Reg·line
1
Tj = 25°C
24 V ≤ VIN ≤ 30 V
4
180
mV
5 mA ≤ IOUT ≤ 1.4 A
12
360
Load regulation
Reg·load
1
Tj = 25°C
250 mA ≤ IOUT ≤ 750 mA
4
180
mV
Output voltage
VOUT
1
Tj = 25°C
21 V ≤ VIN ≤ 33 V
5.0 mA ≤ IOUT ≤ 1.0 A
17.1
18.9
V
Quiescent current
IB
1
Tj = 25°C, IOUT = 5 mA
4.5
8.0
mA
Quiescent current change
∆IB
1
21 V ≤ VIN ≤ 33 V,
IOUT = 5 mA, Tj = 25°C
1.0
mA
Output noise voltage
VNO
2
Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz
IOUT = 50 mA
125
µVrms
Ripple rejection
R.R.
3
f = 120 Hz, 27 V ≤ VIN ≤ 32 V
IOUT = 50 mA, Tj = 25°C
47
63
dB
Dropout voltage
VD
1
IOUT = 1.0 A, Tj = 25°C
2.0
V
Short circuit current limit
ISC
1
Tj = 25°C
0.4
A
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5 mA
−2.5
mV/°C


Similar Part No. - TA7808F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7808F TOSHIBA-TA7808F Datasheet
659Kb / 18P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three Terminal Positive Voltage Regulators
More results

Similar Description - TA7808F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
   Three-Terminal Positive Voltage Regulators
MC78M05CDT MCC-MC78M05CDT Datasheet
330Kb / 3P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com