Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIL05-A81-71MHR Datasheet(PDF) 1 Page - Meder Electronic

Part # SIL05-A81-71MHR
Description  Single-In-Line
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

SIL05-A81-71MHR Datasheet(HTML) 1 Page - Meder Electronic

  SIL05-A81-71MHR Datasheet HTML 1Page - Meder Electronic SIL05-A81-71MHR Datasheet HTML 2Page - Meder Electronic SIL05-A81-71MHR Datasheet HTML 3Page - Meder Electronic SIL05-A81-71MHR Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
305
CHARACTERISTICS
MEDER electronic
SIL Series
Single-In-Line
Reed Relays
Single-In-Line Reed Relays reduce the required
space to a minimum. The SIL series is available as
both voltage and current driven (line sense) Reed
Relays. Requiring only half the PCB area of the DIP
or DIL series, the SIL relays offer all the advantages
of Reed Technology. The SIL series is approved
according to EN60950 and offers sufficient distance
in air and creepage paths.
Approved according to EN60950
High resistance coils of up to 2000
Ω at 12 VDC
Line sense relay with pull-in current = 15 mA
Breakdown voltage coil / contact of up to 4.25 kVDC
All dimensions in mm [inches]
DESCRIPTION
DIMENSIONS
PIN OUT
FEATURES
NEW Breakdown voltage of 4200 VDC
Magnetic shield available
High resistance version
Other coil resistances available
Form B available
L
= No option
M
= With magnetic shield
D
= With diode and
no magnetic shield
Q
= With diode and
with magnetic shield
Part Number Example
SIL12 - 1A72 - 71L
12 is the nominal voltage
1A is the contact form
72 is the switch model
L is the option
ORDER INFORMATION
OPTIONS
www.meder.com
Germany # ++49-(0)7733-94870, USA # 800-870-5385
Y
A
L
E
R
S
E
I
R
E
S
L
A
N
I
M
O
N
E
G
A
T
L
O
V
T
C
A
T
N
O
C
M
R
O
F
H
C
T
I
W
S
L
E
D
O
M
T
U
O
N
I
PS
N
O
I
T
P
O
H
G
I
H
E
C
N
A
T
S
I
S
E
R
N
O
I
S
R
E
V
L
I
S
-
X
X
X
1
-
X
X
1
7
X
X
X
S
N
O
I
T
P
O
,
5
1
,
2
1
,
5
0
*
4
2
*
*
A
,
5
7
,
2
7
,
1
3
4
8
Q
,
D
,
M
,
L
2
1
,
5
0
A
1
1
8
M
,
L
R
H
-
L
C
-
L
I
SA
NA
1-
1
81
7M
A
N
.y
r
o
t
c
a
f
tl
u
s
n
o
c
e
s
a
e
l
P
.
e
l
b
a
li
a
v
a
s
e
c
n
a
t
s
i
s
e
r
li
o
c
r
e
h
t
O
*
.
e
l
b
a
li
a
v
a
B
m
r
o
F
*
*


Similar Part No. - SIL05-A81-71MHR

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL05-1A31-71D MEDER-SIL05-1A31-71D Datasheet
92Kb / 1P
   SIL Reed Relays
SIL05-1A31-71D MEDER-SIL05-1A31-71D Datasheet
175Kb / 2P
   SIL Reed Relay
SIL05-1A31-71D MEDER-SIL05-1A31-71D_11 Datasheet
175Kb / 2P
   SIL Reed Relay
SIL05-1A31-71D_DE MEDER-SIL05-1A31-71D_DE Datasheet
193Kb / 2P
   (deutsch) SIL Reed Relay
SIL05-1A31-71L MEDER-SIL05-1A31-71L Datasheet
92Kb / 1P
   SIL Reed Relays
More results

Similar Description - SIL05-A81-71MHR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
D83C BITECH-D83C Datasheet
483Kb / 4P
   Single-In-Line
logo
Shindengen Electric Mfg...
D2SB60A SHINDENGEN-D2SB60A_17 Datasheet
414Kb / 4P
   Single In-line Package
D3SBA60 SHINDENGEN-D3SBA60_17 Datasheet
439Kb / 4P
   Single In-line Package
D25XB60 SHINDENGEN-D25XB60_17 Datasheet
439Kb / 4P
   Single In-line Package
D4SBS6 SHINDENGEN-D4SBS6_17 Datasheet
654Kb / 4P
   Single In-line Package
logo
List of Unclassifed Man...
D25XB ETC2-D25XB Datasheet
349Kb / 3P
   Single In-line Package
logo
Shindengen Electric Mfg...
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
   Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
   Single In-line Package
D15XBN20 SHINDENGEN-D15XBN20_17 Datasheet
573Kb / 4P
   Single In-line Package
UD2KB80 SHINDENGEN-UD2KB80_17 Datasheet
828Kb / 4P
   Single In-line Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com