Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST24A75-16 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # ST24A75-16
Description  Single Output to 75A 600 Vac
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

ST24A75-16 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  ST24A75-16 Datasheet HTML 1Page - Teledyne Technologies Incorporated ST24A75-16 Datasheet HTML 2Page - Teledyne Technologies Incorporated ST24A75-16 Datasheet HTML 3Page - Teledyne Technologies Incorporated ST24A75-16 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ST 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
ST\032003\Q1
Series ST
INPUT (CONTROL) SPECIFICATION
Input Type
Min
Max
Units
Control Range
ST24
D
4
30
Vdc
A90
240
Vac/Vdc
ST48
D
5
30
Vdc
A1780Vac/Vdc
Input Current Range
ST24D
3
30
mA
ST24DXX-02
4
48
mA
ST24A
3
8
mA
ST48D
5
46
mA
ST48A25-22
5.6
26
mA
Must Turn-Off Voltage
ST
D
1
Vdc
ST24
A
15
Vac
ST48
A
3
Vac
Input Resistance (Typical)
ST
D
1000
Ohms
ST
D-02
600
Ohms
ST
A
3000
Ohms
Reverse Voltage Protection
SD
30
V
SA
NA
CONTROL CHARACTERISTICS
Figure 3a — ST24D relays
Figure 3b — ST -02 relays
Figure 3c — ST24A relays
Figure 3d — ST24A25-22
Control Voltage (V)
4
6
8
10
14
16
20
18
22
24
26
28
30
12
2
0
2
10 12 14
04
6
8
16 18
26 28 30
20 22 24
02
46
8 10 12 14 16 1820 2224 262830
0
5
10
15
20
25
30
35
40
45
50
Control Voltage (V)
Control Voltage (V)
4
6
8
2
0
20
100 120 140
040
60
80
160 180 200 220 240
Control Voltage (V)
0
010
20
30
40
506070
80
5
10
15
20
25
30
OUTPUT (LOAD) SPECIFICATION
Input Type
Min
Max
Units
Operating Range
ST24
12
280
Vrms
ST48
24
600
Vrms
Peak Voltage
ST24
600
Vpeak
ST48
1200
Vpeak
Load Current Range (Resistive)
12A output current
.005
12
Arms
25A output current
.005
25
Arms
40A output current
.005
40
Arms
50A output current
.005
50
Arms
75A output current
.005
75
Arms


Similar Part No. - ST24A75-16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
ST24 STMICROELECTRONICS-ST24 Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
ST2408 STMICROELECTRONICS-ST2408 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
February 2000
ST2408HI STMICROELECTRONICS-ST2408HI Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
February 2000
logo
Goodwork Semiconductor ...
ST240L GWSEMI-ST240L Datasheet
48Kb / 2P
   2.0 AMP LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - ST24A75-16

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
SSH TELEDYNE-SSH Datasheet
859Kb / 5P
   Output to 75A, 510 Vac with Diagnostics
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
DH24D25 TELEDYNE-DH24D25 Datasheet
574Kb / 6P
   Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014
logo
List of Unclassifed Man...
HA6025 ETC1-HA6025 Datasheet
84Kb / 3P
   25-125Amp 600 Vac AC Output
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com