Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIL-CL-1A81-10-13M Datasheet(PDF) 1 Page - Meder Electronic

Part # DIL-CL-1A81-10-13M
Description  Line Sensing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

DIL-CL-1A81-10-13M Datasheet(HTML) 1 Page - Meder Electronic

  DIL-CL-1A81-10-13M Datasheet HTML 1Page - Meder Electronic DIL-CL-1A81-10-13M Datasheet HTML 2Page - Meder Electronic DIL-CL-1A81-10-13M Datasheet HTML 3Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
264
Line Sense Relay
Breakdown voltage coil-contact up to 4.25
kVDC / 3.0 kVRMS
Approved according to EN60950
Low profile version only 5.8 mm high
UL approval
The DIL-CL series is used for line sensing in many
modems, fax machines, private branch exchanges
(PBX) and other telecommunication devices. It is
superior to semiconductor solutions regarding
flashover and impulse strength. The DIL-CL series
is approved according to EN60950.
Part Number Example
DIL - CL - 1A81 - 9 - 13M
9 is the coil resistance in
13M is the pin out
DIMENSIONS
DESCRIPTION
CHARACTERISTICS
ORDER INFORMATION
All dimensions in mm [inches]
 Pull-In current < 15 mA possible
FEATURES
DIL-CL Series
MEDER electronic
Line Sensing
Reed Relays
www.meder.com
Germany # ++49-(0)7733-94870, USA # 800-870-5385
Y
A
L
E
R
S
E
I
R
E
S
T
C
A
T
N
O
C
M
R
O
F
H
C
T
I
W
S
L
E
D
O
M
L
I
O
C
E
C
N
A
T
S
I
S
E
R
N
I
(
Ω)
T
U
O
N
I
P
-
L
C
-
L
I
D
A
1
-
1
8
-
X
X
X
X
X
S
N
O
I
T
P
O
*
4
/
4
,
5
1
,
0
1
,
9
,
M
5
1
,
M
3
1
*
*
M
3
1
5
,
M
8
1
.y
l
n
o
M
8
1
t
u
o
n
i
p
h
ti
w
e
l
b
a
li
a
v
A
*
5
1
&
0
1
h
ti
w
y
l
n
o
e
l
b
a
li
a
v
A
*
*
.
e
c
n
a
t
s
i
s
e
r
li
o
c


Similar Part No. - DIL-CL-1A81-10-13M

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIL-CL-1A81-4-4-18M MEDER-DIL-CL-1A81-4-4-18M Datasheet
138Kb / 2P
   DIL Reed Relay
DIL-CL-1A81-4-4-18M_DE MEDER-DIL-CL-1A81-4-4-18M_DE Datasheet
150Kb / 2P
   (deutsch) DIL Reed Relay
DIL-CL-1A81-9-13M MEDER-DIL-CL-1A81-9-13M Datasheet
100Kb / 1P
   DIL Reed Relay
DIL-CL-1A81-9-13M_DE MEDER-DIL-CL-1A81-9-13M_DE Datasheet
111Kb / 1P
   (deutsch) DIL Reed Relay
DIL-CL-1A81-9-15M MEDER-DIL-CL-1A81-9-15M Datasheet
74Kb / 1P
   DIL Reed Relay
More results

Similar Description - DIL-CL-1A81-10-13M

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
NP-CL MEDER-NP-CL Datasheet
442Kb / 3P
   Line Sensing
logo
Texas Instruments
TPS92315 TI-TPS92315 Datasheet
1Mb / 27P
[Old version datasheet]   Off-Line Primary-Side Sensing Controller
logo
STMicroelectronics
ALTAIR04-900 STMICROELECTRONICS-ALTAIR04-900 Datasheet
640Kb / 29P
   Off-line all-primary-sensing switching regulator
ALTAIR05T-800 STMICROELECTRONICS-ALTAIR05T-800 Datasheet
481Kb / 28P
   Off-line all-primary-sensing switching regulator
HVLED805 STMICROELECTRONICS-HVLED805 Datasheet
456Kb / 29P
   Off-line LED driver with primary-sensing
logo
Texas Instruments
TPS92310 TI1-TPS92310 Datasheet
429Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92311 TI1-TPS92311 Datasheet
432Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
TPS92311 TI1-TPS92311_14 Datasheet
332Kb / 24P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
TPS92314 TI-TPS92314 Datasheet
916Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92314DR TI-TPS92314DR Datasheet
922Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com