Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J255-26MG Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # J255-26MG
Description  MAGNETIC-LATCHING DPDT HALF-SIZE CRYSTAL CAN MILITARY RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

J255-26MG Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  J255-26MG Datasheet HTML 1Page - Teledyne Technologies Incorporated J255-26MG Datasheet HTML 2Page - Teledyne Technologies Incorporated J255-26MG Datasheet HTML 3Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
J255 Page 2
SPECIFICATIoNS ARE SubJECT To CHANGE WITHouT NoTICE
© 2007 TELEDYNE RELAYS
J255\042007\Q
Contact Arrangement
2 Form C (DPDT)
Contact Load Ratings
(Case Grounded)
Low Level Life: 0–50 μA @0–50 mV, ,000,000 cycles
Resistive: 2A @ 28Vdc, 00,000 cycles
.5A @ 5Vac, 60 and 400Hz, 00,000 cycles
Lamp: 0.6A @ 28Vdc, 00,000 cycles
Intermediate Current: 0.A 28 Vdc, 50,000 cycles
Inductive: 0.75A @ 28Vdc 200 mH, 00,000 cycles
Contact Resistance
Low Level: 0.050
Ω maximum before life
0.50
Ω maximum after life
High Level: 0.050
Ω maximum before life
0.00
Ω maximum after life
Contact Bounce
3.0 ms maximum
Contact Overload Rating
4 A/28Vdc Resistive (00 cycles min.)
Operating Time
4 ms maximum over temperature range with rated coil voltage
Insulation Resistance
,000 M
Ω minimum, except the resistance between coil and case at high temperature
shall be 500 M
Ω or greater
Dielectric Strength
between case, frame, or enclosure
and all contacts in the latched and
non-latched positions
Sea Level
,000 Vrms (60 Hz)
Altitude
350 Vrms (60 Hz)
between case, frame or enclosure and coils
500 Vrms (60 Hz)
350 Vrms (60 Hz)
between all contacts and coils
,000 Vrms (60 Hz)
350 Vrms (60 Hz)
between open contacts in the latched and
non-latched positions
500 Vrms (60 Hz)
350 Vrms (60 Hz)
between coils
500 Vrms (60 Hz)
350 Vrms (60 Hz)
between contact poles
,000 Vrms (60 Hz)
350 Vrms (60 Hz)
Minimum Operate Pulse
9 ms @ rated voltage
SERIES J255 and 255
GENERAL ELECTRICAL SPECIFICATIONS (–65°C to +125°C unless otherwise noted)
DETAILED ELECTRICAL SPECIFICATIONS (–65°C to +125°C unless otherwise noted)
BASE PART NUMBERS
(See Note 2 for full P/N example)
J255-5
255-5
J255-6
255-6
J255-12
255-12
J255-26
255-26
Coil Voltage (Vdc)
Nom.
Max.
5.0
6.7
6.0
8.0
2.0
6.0
26.5
32.0
Coil Resistance (Ohms ±10%, 25°C)
45
63
254
000
Set/Reset Voltage
(Vdc)
Min.
Max.
.0
3.8
.3
4.5
2.6
9.0
5.2
8.0
Min. @25°C
Max. @25°C
.6
2.7
2.0
3.25
4.0
6.5
8.0
3.0
TERMINAL
CONNECTIONS
.187 ±.020
(4.75 ±.051)
.030 (.762)
+.003 (+.076)
–.002 (–.051)
.187 ±.030
(4.75 ±.051)
.030 (.762)
+.003 (+.076)
–.002 (–.051)
WIRE LEAD
SOLDER COATED
GOLD-PLATED
LEAD-FREE
(SEE PART NUMBER EXAMPLE)


Similar Part No. - J255-26MG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
J25-Q1 TI1-J25-Q1 Datasheet
839Kb / 18P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
logo
Schneider Electric
J250SS SCHNEIDER-J250SS Datasheet
93Kb / 2P
   TYPE 4X 150 to 250A MOULDED CASE CIRCUIT BREAKER ENCLOSURE
logo
List of Unclassifed Man...
J25DPM-12V-K ETC2-J25DPM-12V-K Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J25DPM-20V-K ETC2-J25DPM-20V-K Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J25MF-02V-K ETC2-J25MF-02V-K Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
More results

Similar Description - J255-26MG

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SY33 SANYOU-SY33 Datasheet
176Kb / 3P
   Magnetic Latching Relay
SY37 SANYOU-SY37 Datasheet
692Kb / 3P
   Magnetic Latching Relay
SY38-17 SANYOU-SY38-17 Datasheet
659Kb / 3P
   Magnetic Latching Relay
SY73 SANYOU-SY73 Datasheet
722Kb / 3P
   Magnetic Latching Relay
SY31GN SANYOU-SY31GN Datasheet
279Kb / 3P
   Magnetic Latching Relay
SY31X SANYOU-SY31X Datasheet
611Kb / 3P
   Magnetic Latching Relay
SY33F SANYOU-SY33F Datasheet
548Kb / 3P
   Magnetic Latching Relay
SY34 SANYOU-SY34 Datasheet
205Kb / 3P
   Magnetic Latching Relay
SY74 SANYOU-SY74 Datasheet
758Kb / 3P
   Magnetic Latching Relay
SMAE SANYOU-SMAE Datasheet
493Kb / 3P
   Magnetic Latching Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com