Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STH48D35 Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part No. STH48D35
Description  High Industrial Performance (HIPak) Solid-State Relays
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TELEDYNE [Teledyne Technologies Incorporated]
Homepage  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

STH48D35 Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  STH48D35 Datasheet HTML 1Page - Teledyne Technologies Incorporated STH48D35 Datasheet HTML 2Page - Teledyne Technologies Incorporated STH48D35 Datasheet HTML 3Page - Teledyne Technologies Incorporated STH48D35 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2014 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
STH Page 3
STH\072014\Q3
Series STH
Output to 50A, 660 Vac
High Industrial Performance (HIPak) Solid-State Relays
GENERAL SPECIFICATIONS
(+25°C ambient temperature unless otherwise specified)
ENVIRONMENTAL SPECIFICATIONS
Min
Max
Units
Operating Temperature
Up to 35 output current -55
80
°
C
STH24D50
-40
100
°
C
STH48XXX
-40
80
°
C
Storage Temperature
Up to 35 output current -55
125
°
C
STH24D50
-40
100
°
C
STH48XXX
-40
125
°
C
Ambient Humidity
40 to 85
%
Input-Output Isolation
4000
Vrms
Insulation Resistance
@500Vdc
1000
Rated Impulse Voltage
4000
V
Protection Level (CEI529)
IP20
Vibration (10-55 Hz according to CE168) 1.5
mm
Shock (according to CD168)
30/50
g
Housing Material
PA6 UL94VO
Baseplate
Aluminum, nickel-plated


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn