Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH48A95 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # SH48A95
Description  Output to 125A, 690 Vac
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SH48A95 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  SH48A95 Datasheet HTML 1Page - Teledyne Technologies Incorporated SH48A95 Datasheet HTML 2Page - Teledyne Technologies Incorporated SH48A95 Datasheet HTML 3Page - Teledyne Technologies Incorporated SH48A95 Datasheet HTML 4Page - Teledyne Technologies Incorporated SH48A95 Datasheet HTML 5Page - Teledyne Technologies Incorporated SH48A95 Datasheet HTML 6Page - Teledyne Technologies Incorporated SH48A95 Datasheet HTML 7Page - Teledyne Technologies Incorporated SH48A95 Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2014 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
SH Page 1
SH\072014\Q3
Series SH
Output to 125A, 690 Vac
High Industrial Performance (HIPpak) Solid-State Relays
FEATURES/BENEFITS
• Random and zero-cross models available for all
applications
• Low zero-cross turn-on voltage
• Input and output protection and control LED standard
• IP20 touch-proof flaps
• Connectors for power wiring and heat sinks available
• Designed in conformity with EN60947-4-3 (IEC947-4-3)
and EN60950/VDE0805 (Reinforced Insulation)
Part No.
Load
Voltage
Load
Current
Control
Voltage
Switch
Type
SH24D25
12-275 Vac
25A
3-32 Vdc
Zero Cross
SH24A25
12-275 Vac
25A
20-265 Vdc
Zero Cross
SH24R50
12-275 Vac
50A
3-32 Vdc
Random
SH48D50
24-510 Vac
50A
3.5-32 Vdc
Zero Cross
SH48A50
24-510 Vac
50A
20-265 Vdc
Zero Cross
SH48D95
24-510 Vac
95A
3.5-32 Vdc
Zero Cross
SH48A95
24-510 Vac
95A
20-265 Vdc
Zero Cross
SH48R125
24-510 Vac
125A
3.5-32 Vdc
Random
SH48D125
24-510 Vac
125A
3.5-32 Vdc
Zero Cross
SH48A125
24-510 Vac
125A
20-265 Vdc
Zero Cross
SH60D50
24-690 Vac
50A
3.5-32 Vdc
Zero Cross
SH60D125
24-690 Vac
125A
3.5-32 Vdc
Zero Cross
TYPICAL APPLICATION
Figure 1b — SHXXAXX relays
Figure 1a — SHXXDXX relays
Figure 1c — SHXXRXX relays
ELECTRICAL SPECIFICATIONS
(+25°C ambient temperature unless otherwise specified)
INPUT (CONTROL) SPECIFICATIONS
Min
Max
Units
Input Current Range
SHXXR/D (except SH60) 10
13
mA
SHXXA
5
10
mA
SH60
12
mA
Must Turn-Off Voltage
SHXXR/D
2.0
Vdc
SHXXA
5.0
Vdc
Reverse Voltage Protection (R/D)
32
V
Clamping Voltage (R/D)
36
V
Input Immunity (EN61000-4-4)
2
kV
Input Immunity (EN61000-4-5)
2
kV
For RoHS Compliant Contact Factory


Similar Part No. - SH48A95

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SH4 RECTRON-SH4 Datasheet
395Kb / 5P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SH4 RECTRON-SH4 Datasheet
849Kb / 7P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
logo
B. B. Battery Co., Ltd.
SH4.5-12 BB-BATTERY-SH4.5-12 Datasheet
186Kb / 1P
   VRLA Rechargeable Battery
SH4.5-12-T1 BB-BATTERY-SH4.5-12-T1 Datasheet
244Kb / 2P
   VRLA Rechargeable Battery
logo
Littelfuse
SH400 LITTELFUSE-SH400 Datasheet
450Kb / 4P
   Gas Discharge Tubes
Revised: GD. 03/09/21
More results

Similar Description - SH48A95

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S48A25-22 TELEDYNE-S48A25-22 Datasheet
132Kb / 5P
   Single Output to 125A 660 Vac AC/DC Control
logo
Crydom Inc.,
D2450-B CRYDOM-D2450-B Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
HD4825-10 CRYDOM-HD4825-10 Datasheet
760Kb / 8P
   Ratings from 12A to 125A 48-530 VAC
HD4890-10 CRYDOM-HD4890-10 Datasheet
811Kb / 5P
   Ratings from 12A to 125A 48-530 VAC
D2410-10 CRYDOM-D2410-10 Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
logo
WAGO Kontakttechnik Gmb...
750-495-000-001 WAGO-750-495-000-001 Datasheet
661Kb / 13P
   3-Phase Power Measurement; 690 VAC, 5 A
logo
Schaffner International...
FN-3311-HV SCHAFFNER-FN-3311-HV Datasheet
1Mb / 4P
   Compact 690 VAC power line EMC/EMI filter
logo
WAGO Kontakttechnik Gmb...
750-495 WAGO-750-495 Datasheet
671Kb / 14P
   3-Phase Power Measurement; 690 VAC, 1 A
logo
Teledyne Technologies I...
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
   Single Output to 75A 600 Vac
logo
WAGO Kontakttechnik Gmb...
750-495-000-002 WAGO-750-495-000-002 Datasheet
607Kb / 11P
   3-Phase Power Measurement; 690 VAC Rogowski coils
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com