Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

412DV-18 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # 412DV-18
Description  DPDT basic high-vibration relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

412DV-18 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  412DV-18 Datasheet HTML 1Page - Teledyne Technologies Incorporated 412DV-18 Datasheet HTML 2Page - Teledyne Technologies Incorporated 412DV-18 Datasheet HTML 3Page - Teledyne Technologies Incorporated 412DV-18 Datasheet HTML 4Page - Teledyne Technologies Incorporated 412DV-18 Datasheet HTML 5Page - Teledyne Technologies Incorporated 412DV-18 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2005 TELEDYNE RELAYS
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
412V/422V Page 2
www.teledynerelays.com
412V/422V/1205/Q1
SERIES 412V/432V
GENERAL ELECTRICAL SPECIFICATIONS (–65°C to +125°C unless otherwise noted) (Notes 2 & 3)
412V SERIES RELAY
DETAILED ELECTRICAL SPECIFICATIONS (–65°C to +125°C unless otherwise noted) (Note 2)
Contact Arrangement
2 Form C (DPDT)
Rated Duty
Continuous
Contact Resistance
0.1 ohm max. before life; 0.2 ohm max. after life at 1A/28Vdc (measured 1/8" from header)
Contact Load Ratings (DC)
(See Fig. 2 for other DC
resistive voltage/current ratings)
Resistive:
1 Amp/28Vdc
Inductive:
200 mA/28Vdc (320 mH)
Lamp:
100 mA/28Vdc
Low Level:
10 to 50µA/10 to 50mV
Contact Load Ratings (AC)
Resistive:
250 mA/115Vac, 60 and 400 Hz (Case not grounded)
100 mA/115Vac, 60 and 400 Hz (Case grounded)
Contact Life Ratings
10,000,000 cycles (typical) at low level
1,000,000 cycles (typical) at 0.5A/28Vdc resistive
100,000 cycles min. at all other loads specified above
Contact Overload Rating
2A/28Vdc Resistive (100 cycles min.)
Contact Carry Rating
Contact factory
Coil Operating Power
432V: 350 mW typ. @ 25°C
412V: 620 mW typ. @ 25°C
Operate Time
432V: 4.0 msec max.
412V: 3.0 msec max.
Release Time
432V: 3.0 msec max.
432DV: 4.0 msec max.
412V: 2.0 msec max.
412DV, 412DDV: 4.0 msec max.
Contact Bounce
1.5 msec max.
Intercontact Capacitance
0.4 pf typical
Insulation Resistance
10,000 megohms min. between mutually isolated terminals
Dielectric Strength
Atmospheric pressure: 500 Vrms/60Hz
70,000 ft.: 125 Vrms/60Hz
Negative Coil Transient
(Vdc max.)
All DV, DDV versions: 1.0 max.
Diode P.I.V. (Vdc min.)
All DV, DDV versions: 100 min.
BASE PART
NUMBERS
412V-5
412DV-5
412DDV-5
412V-6
412DV-6
412DDV-6
412V-9
412DV-9
412DDV-9
412V-12
412DV-12
412DDV-12
412V-18
412DV-18
412DDV-18
412V-26
412DV-26
412DDV-26
Coil Voltage (Vdc)
Nom.
5.0
6.0
9.0
12.0
18.0
26.5
Max.
5.8
8.0
12.0
16.0
24.0
32.0
Coil Resistance
(Ohms ±10% @25°C)
412V
50
70
155
235
610
1130
412DV, 412DDV (Note 4)
33
44
125
215
470
1050
Coil Current
(mAdc @ 25°C) (Note 5)
412DDV
Min.
92.8
90.4
54.3
37.8
31.3
21.3
Max.
126.4
122.6
73.4
59.4
42.0
28.3
Pick-up Voltage (Vdc, Max
4.6
5.5
8.2
11.0
16.5
22.0
Drop-out Voltage (Vdc)
412V
412DV
Min.
0.14
0.18
0.35
0.41
0.59
0.89
Max.
2.3
3.2
4.9
6.5
10.0
13.0
412DDV
Min.
0.6
0.7
0.8
0.9
1.1
1.4
Max.
2.8
3.4
5.3
6.5
10.0
13.0
432V SERIES RELAY
DETAILED ELECTRICAL SPECIFICATIONS (–65°C to +125°C unless otherwise noted) (Note 2)
BASE PART
NUMBERS
432V-5
432DV-5
432V-6
432DV-6
432V-9
432DV-9
432V-12
432DV-12
432V-18
432DV-18
432V-26
432DV-26
Coil Voltage (Vdc)
Nom.
5.0
6.0
9.0
12.0
18.0
26.5
Max.
5.8
8.0
12.0
16.0
24.0
32.0
Coil Resistance (Ohms ±10% @25°C)
80
120
240
480
950
1900
Pick-up Voltage (Vdc, max.)
4.6
5.5
8.2
11.0
16.5
22.0
Drop-out Voltage (Vdc)
Min.
0.14
0.18
0.35
0.41
0.59
0.89
Max.
2.5
3.2
4.9
6.5
10.0
13.0


Similar Part No. - 412DV-18

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
412D WILLOW-412D Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
412D-12 WILLOW-412D-12 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
412D-18 WILLOW-412D-18 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
412D-26 WILLOW-412D-26 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
412D-5 WILLOW-412D-5 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results

Similar Description - 412DV-18

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
712 TELEDYNE-712 Datasheet
310Kb / 6P
   DPDT basic relay
722 TELEDYNE-722 Datasheet
209Kb / 3P
   DPDT basic relay
172 TELEDYNE-172 Datasheet
252Kb / 5P
   DPDT basic relay
412H TELEDYNE-412H Datasheet
141Kb / 6P
   DPDT high-temperature relay
412K TELEDYNE-412K Datasheet
217Kb / 3P
   DPDT high-shock relay
logo
WAGO Kontakttechnik Gmb...
858-162 WAGO-858-162 Datasheet
141Kb / 4P
   Basic relay
858-170 WAGO-858-170 Datasheet
136Kb / 4P
   Basic relay
858-161 WAGO-858-161 Datasheet
131Kb / 4P
   Basic relay
logo
List of Unclassifed Man...
MR62 ETC1-MR62 Datasheet
69Kb / 2P
   DPDT Signal Relay
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com