Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSH Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # SSH
Description  Output to 75A, 510 Vac with Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SSH Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  SSH Datasheet HTML 1Page - Teledyne Technologies Incorporated SSH Datasheet HTML 2Page - Teledyne Technologies Incorporated SSH Datasheet HTML 3Page - Teledyne Technologies Incorporated SSH Datasheet HTML 4Page - Teledyne Technologies Incorporated SSH Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSH Page 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2005 TELEDYNE RELAYS
SSH\042005\Q1
NEW Series SSH
Output to 75A, 510 Vac with Diagnostics
High Industrial Performance (HIPpak) Solid-State Relays
OPTIONAL CONNECTIONS
Directly with wires,
with or without ferrules
With tips
(ring terminals)
CONTROL WIRING
With double removeable input connector
Pluggable spring connector
Min AWG28
Max AWG14
POWER WIRING
Number of Wires
Screwdriver
Type
Recommended
Torque
N.m
1
2
Solid
(no ferrule)
Fine Stranded
(with ferrule)
Solid
(no ferrule)
Fine Stranded
(with ferrule)
AWG16…AWG8 AWG16…AWG10 AWG16…AWG8 AWG16…AWG10
Pozidriv 2
1.2
Power with tips
AWG6
16mm2
AWG4
16mm2
W max = 13mm
AWG0
50mm2
for high current
Options
Fastons: Call us
Option clip


Similar Part No. - SSH

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SSH MERITEK-SSH Datasheet
285Kb / 2P
   Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
SSH-003GA-P0.2 ETC2-SSH-003GA-P0.2 Datasheet
232Kb / 8P
   Crimping tools and machines
SSH-003GA-P0.2 ETC2-SSH-003GA-P0.2 Datasheet
169Kb / 3P
   1.0mm pitch/Disconnectable Crimp style connectors
SSH-003GA-P0.2 ETC2-SSH-003GA-P0.2 Datasheet
224Kb / 8P
   APPLICATION TOOLING
SSH-003T-P0.2-H ETC2-SSH-003T-P0.2-H Datasheet
232Kb / 8P
   Crimping tools and machines
More results

Similar Description - SSH

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
   Single Output to 75A 600 Vac
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
DR24D25 TELEDYNE-DR24D25 Datasheet
172Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
DRL48R35 TELEDYNE-DRL48R35 Datasheet
163Kb / 4P
   Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
DRD48A20 TELEDYNE-DRD48A20 Datasheet
150Kb / 3P
   Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
logo
Maxim Integrated Produc...
MAX13330 MAXIM-MAX13330_V01 Datasheet
1Mb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
logo
Teledyne Technologies I...
SH24D25 TELEDYNE-SH24D25 Datasheet
913Kb / 8P
   Output to 125A, 690 Vac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com