Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH48D50 Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # SH48D50
Description  Output to 125A, 690 Vac
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SH48D50 Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

  SH48D50 Datasheet HTML 1Page - Teledyne Technologies Incorporated SH48D50 Datasheet HTML 2Page - Teledyne Technologies Incorporated SH48D50 Datasheet HTML 3Page - Teledyne Technologies Incorporated SH48D50 Datasheet HTML 4Page - Teledyne Technologies Incorporated SH48D50 Datasheet HTML 5Page - Teledyne Technologies Incorporated SH48D50 Datasheet HTML 6Page - Teledyne Technologies Incorporated SH48D50 Datasheet HTML 7Page - Teledyne Technologies Incorporated SH48D50 Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SH Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2014 TELEDYNE RELAYS
SH\072014\Q3
Series SH
Output to 125A, 690 Vac
High Industrial Performance (HIPpak) Solid-State Relays
OPTIONAL CONNECTIONS
Directly with wires,
with or without ferrules
With special adaptation for
high-voltage relays
With tips
(ring terminals)
CONTROL WIRING
Number of Wires
Screwdriver
Type
Recommended
Torque
N.m
2
1
Solid
(no ferrule)
Fine Stranded
(with ferrule)
Solid
(no ferrule)
Fine Stranded
(with ferrule)
AWG18…AWG14
AWG18…AWG14
AWG18…AWG14
AWG18…AWG14
Pozidriv 2
0.8
POWER WIRING
Number of Wires
Screwdriver
Type
Recommended
Torque
N.m
2
1
Solid
(no ferrule)
Fine Stranded
(with ferrule)
Solid
(no ferrule)
Fine Stranded
(with ferrule)
AWG16…AWG8
AWG16…AWG10
AWG16…AWG8
AWG16…AWG10
Pozidriv 2
1.2
Power with tips
AWG6
16mm2
AWG4
16mm2
W max = 13mm
AWG0
50mm2
for high current
Options
Fastons: Call us
Special kit for high current
AWG2 / 35mm2
AWG0 / 50mm2


Similar Part No. - SH48D50

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SH4 RECTRON-SH4 Datasheet
395Kb / 5P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SH4 RECTRON-SH4 Datasheet
849Kb / 7P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
logo
B. B. Battery Co., Ltd.
SH4.5-12 BB-BATTERY-SH4.5-12 Datasheet
186Kb / 1P
   VRLA Rechargeable Battery
SH4.5-12-T1 BB-BATTERY-SH4.5-12-T1 Datasheet
244Kb / 2P
   VRLA Rechargeable Battery
logo
Littelfuse
SH400 LITTELFUSE-SH400 Datasheet
450Kb / 4P
   Gas Discharge Tubes
Revised: GD. 03/09/21
More results

Similar Description - SH48D50

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S48A25-22 TELEDYNE-S48A25-22 Datasheet
132Kb / 5P
   Single Output to 125A 660 Vac AC/DC Control
logo
Crydom Inc.,
D2450-B CRYDOM-D2450-B Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
HD4825-10 CRYDOM-HD4825-10 Datasheet
760Kb / 8P
   Ratings from 12A to 125A 48-530 VAC
HD4890-10 CRYDOM-HD4890-10 Datasheet
811Kb / 5P
   Ratings from 12A to 125A 48-530 VAC
D2410-10 CRYDOM-D2410-10 Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
logo
WAGO Kontakttechnik Gmb...
750-495-000-001 WAGO-750-495-000-001 Datasheet
661Kb / 13P
   3-Phase Power Measurement; 690 VAC, 5 A
logo
Schaffner International...
FN-3311-HV SCHAFFNER-FN-3311-HV Datasheet
1Mb / 4P
   Compact 690 VAC power line EMC/EMI filter
logo
WAGO Kontakttechnik Gmb...
750-495 WAGO-750-495 Datasheet
671Kb / 14P
   3-Phase Power Measurement; 690 VAC, 1 A
logo
Teledyne Technologies I...
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
   Single Output to 75A 600 Vac
logo
WAGO Kontakttechnik Gmb...
750-495-000-002 WAGO-750-495-000-002 Datasheet
607Kb / 11P
   3-Phase Power Measurement; 690 VAC Rogowski coils
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com