Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

412DV-12 Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # 412DV-12
Description  DPDT basic high-vibration relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

412DV-12 Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  412DV-12 Datasheet HTML 1Page - Teledyne Technologies Incorporated 412DV-12 Datasheet HTML 2Page - Teledyne Technologies Incorporated 412DV-12 Datasheet HTML 3Page - Teledyne Technologies Incorporated 412DV-12 Datasheet HTML 4Page - Teledyne Technologies Incorporated 412DV-12 Datasheet HTML 5Page - Teledyne Technologies Incorporated 412DV-12 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pad designation and
bottom view dimensions
Height
For use with the following:
Dim. H
Max.
“M4” Pad for TO-5
ER411T
ER412, ER412D, ER412DD
.295 (7.49)
712, 712D, 712TN,
RF300, RF310, RF320
.300 (7.62)
ER420, ER422D, ER420DD, 421,
ER421D, ER421DD, ER422, ER422D,
ER422DD, 722, 722D, RF341
.305 (7.75)
ER431T, ER432T,
ER432, ER432D, ER432DD
.400 (10.16)
732, 732D, 732TN, RF303, RF313,
RF323
.410 (10.41)
RF312
.350 (8.89)
“M4” Pad for TO-5
ER411, ER411D, ER411DD
.295 (7.49)
ER431, ER431D, ER431DD
.400 (10.16)
RF311
.300 (7.62)
RF331
.410 (10.41)
“M4” Pad for Centigrid®
172, 172D
.305 (7.75)
ER114, ER114D, ER114DD,
J114, J114D, J114DD
.300 (7.62)
ER134, ER134D, ER134DD,
J134, J134D, J134DD
.400 (10.16)
RF100
.315 (8.00)
RF103
.420 (10.67)
“M9” Pad for Centigrid®
122C, A152
.320 (8.13)
ER116C, J116C
.300 (7.62)
ER136C, J136C
.400 (10.16)
RF180
.325 (8.25)
A150
.305 (7.75)
Notes:
1. Spacer pad material: Polyester film.
2. To specify an “M4” or “M9” spacer pad, refer to the mounting variants portion of the part numbering
example in the applicable datasheet.
3. Dimensions are in inches (mm).
4. Unless otherwise specified, tolerance is ± .010 (.25).
5. Add 10 mΩ to the contact resistance show in the datasheet.
6. Add 0.01 oz. (0.25 g) to the weight of the relay assembly shown in the datasheet.
Ø.150
[3.81]
(REF)
Dim
H
MAX
Dim
H
MAX
Dim
H
MAX
.156
[3.96]
(REF)
.256
[6.5]
(REF)
Dim
H
MAX
Appendix A: Spacer Pads
© 2008 Teledyne Relays
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - 412DV-12

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
412D WILLOW-412D Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
412D-12 WILLOW-412D-12 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
412D-18 WILLOW-412D-18 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
412D-26 WILLOW-412D-26 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
412D-5 WILLOW-412D-5 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results

Similar Description - 412DV-12

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
712 TELEDYNE-712 Datasheet
310Kb / 6P
   DPDT basic relay
722 TELEDYNE-722 Datasheet
209Kb / 3P
   DPDT basic relay
172 TELEDYNE-172 Datasheet
252Kb / 5P
   DPDT basic relay
412H TELEDYNE-412H Datasheet
141Kb / 6P
   DPDT high-temperature relay
412K TELEDYNE-412K Datasheet
217Kb / 3P
   DPDT high-shock relay
logo
WAGO Kontakttechnik Gmb...
858-162 WAGO-858-162 Datasheet
141Kb / 4P
   Basic relay
858-170 WAGO-858-170 Datasheet
136Kb / 4P
   Basic relay
858-161 WAGO-858-161 Datasheet
131Kb / 4P
   Basic relay
logo
List of Unclassifed Man...
MR62 ETC1-MR62 Datasheet
69Kb / 2P
   DPDT Signal Relay
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com