Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T0780 Datasheet(PDF) 2 Page - ATMEL Corporation

Part No. T0780
Description  800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

T0780 Datasheet(HTML) 2 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
T0780 [Preliminary]
4525D–SIGE–10/03
Pin Configuration
Figure 2. Pinning SSOP16
IFN
VCC
GND
LOP
LON
GND
VCC
L2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IFP
VCC
GND
RFP
RFN
GND
VCC
L1
Pin Description
Pin
Symbol
Function
1
IFP
IF positive output
2
VCC
5-V power supply
3
GND
Ground
4
RFP
RF positive input
5
RFN
RF negative input
6
GND
Ground
7
VCC
5-V power supply
8
L1
External inductor terminal
9
L2
External inductor terminal
10
VCC
5-V power supply
11
GND
Ground
12
LON
Local oscillator, negative input
13
LOP
Local oscillator, positive input
14
GND
Ground
15
VCC
5-V power supply
16
IFN
IF negative output
Absolute Maximum Ratings
All voltages are referred to GND.
Parameters
Symbol
Value
Unit
Supply voltage
V
CC
5 to 5.5
V
LO input
LO
P, LON
10
dBm
IF input
RF
P, RFN
15
dBm
Operating temperature
T
OP
-40 to +85
°C
Storage temperature
T
stg
-65 to +150
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn