Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A152 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # A152
Description  Attenuator relay series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

A152 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  A152 Datasheet HTML 1Page - Teledyne Technologies Incorporated A152 Datasheet HTML 2Page - Teledyne Technologies Incorporated A152 Datasheet HTML 3Page - Teledyne Technologies Incorporated A152 Datasheet HTML 4Page - Teledyne Technologies Incorporated A152 Datasheet HTML 5Page - Teledyne Technologies Incorporated A152 Datasheet HTML 6Page - Teledyne Technologies Incorporated A152 Datasheet HTML 7Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A152 Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2006 TELEDYNE RELAYS
A152\042006\Q1
PARAMETER
MINIMUM
TYPICAL
MAXIMUM
UNITS
Operating Frequency (Note 2)
0.0
5.0
GHz
Power (Notes 5 and 6)
1.0
Watt
Impedance
50
Ohms
SERIES A152
GENERAL PERFORMANCE (–55°C to + 85°C, unless otherwise specified)
ELECTRICAL SPECIFICATION (–55°C to +85°C, unless otherwise specified)
PART NUMBER (Note 7)
A152-dB-5
A152-dB-12
A152-dB-15
A152-dB-26
Coil Voltage Vdc (Note 6)
Nom.
512
15
26.5
Max.
5.8
16.0
20.0
32.0
Coil Resistance Ohms ±20%
@25°C
50
390
610
1560
Pick-up Voltage Vdc Max.
@25°C
3.8
9.0
11.3
18.0
Switching Time ms (Note 8)
Max.
4.0
Typ.
2.0
Insulation Resistance
1,000 M
typical (all mutually isolated points)
Dielectric Strength
300 VRMS / 60 Hz typical (at sea level)
OUTLINE DIMENSIONS
1
2
3
.335 MAX.
(8.51)
CASE DETAIL
.375 MAX.
(9.53)
.700 MIN.
(17.78)
.435 MAX.
(11.05)
.295
(7.49)
.200 ±.01
(5.08 ±5.08)
.475 MAX.
(12.07)
.150 ±.10 TYP.
(3.81 ±.25)
.035 REF.
(.89)
.031 REF.
(.79)
Dimensions are show in inches (millimeters).
Terminal numbers shown are for reference only.
Leads 1 and 7 are grounded to the case.
.187" lead lengths available (see part numbering system)
.017
DIA.
+.002
–.001
.43
+.05
–.03
5
6
7
(
)
GENERAL NOTES
1. Contacts will exhibit no contact chatter in excess of
10 μs or transfer in excess of 1 μs.
2. Relays may be operated at higher frequencies with
reduced RF performance.
3. For optimal RF performance, solder case to RF ground
plane.
4. Attenuation values shown are with reference to the
through path (low loss state).
5. Power handling for case temperatures of –55°C to
+55°C is 1 Watt. Derate power handling 25 mW/°C
above +55°C. Case measurement point is adjacent to
the relay tab.
6. Do not operate coil at maximum coil voltage
continuously.
7. Insert attenuation value, see part numbering system.
8. Switching time includes bounce.
9. The slash and characters appearing after the slash are
not marked on the relay.
10. Unless otherwise specified, relays will be supplied with
either gold-plated or solder-coated leads.
TELEDYNE RELAYS PART NUMBERING SYSTEM
FOR A152 ATTENUATOR RELAYS
A152
20*
XX
/
S
Q
Series
Designator
Attenuation
Value (dB)
Nominal
Coil Voltage
S=.187" Leads
See Note 9
Q=Solder-Coated Leads
G=Gold-Plated Leads
(Notes 9 & 10)
*Contact factory for additional
attenuation values
PARAMETER
T
ypical at low level
Contact life rating
10,000,000 cycles


Similar Part No. - A152

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
A152 DYELEC-A152 Datasheet
2Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Teledyne Technologies I...
A152-20-5 TELEDYNE-A152-20-5 Datasheet
229Kb / 7P
   HIGH REPEATABILITY ULTRAMINIATURE BROADBAND ATTENUATOR RELAYS
logo
MicroPower Direct, LLC
A1521RW MPD-A1521RW Datasheet
264Kb / 2P
   A1500RW SERIES
A1522RW MPD-A1522RW Datasheet
264Kb / 2P
   A1500RW SERIES
A1523RW MPD-A1523RW Datasheet
264Kb / 2P
   A1500RW SERIES
More results

Similar Description - A152

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50P-1304 JFW-50P-1304 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1633 JFW-50P-1633 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-089 JFW-75P-089 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-542 JFW-50P-542 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-847 JFW-50P-847 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-022+12 JFW-75P-022+12 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-2033 JFW-50P-2033 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1224 JFW-50P-1224 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1978 JFW-50P-1978 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1208 JFW-50P-1208_18 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com