Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

422H-26 Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # 422H-26
Description  DPDT high-temperature relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

422H-26 Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  422H-26 Datasheet HTML 1Page - Teledyne Technologies Incorporated 422H-26 Datasheet HTML 2Page - Teledyne Technologies Incorporated 422H-26 Datasheet HTML 3Page - Teledyne Technologies Incorporated 422H-26 Datasheet HTML 4Page - Teledyne Technologies Incorporated 422H-26 Datasheet HTML 5Page - Teledyne Technologies Incorporated 422H-26 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pad designation and
bottom view dimensions
Height
For use with the following:
Dim. H
Max.
“M4” Pad for TO-5
ER411T
ER412, ER412D, ER412DD
.295 (7.49)
712, 712D, 712TN,
RF300, RF310, RF320
.300 (7.62)
ER420, ER422D, ER420DD, 421,
ER421D, ER421DD, ER422, ER422D,
ER422DD, 722, 722D, RF341
.305 (7.75)
ER431T, ER432T,
ER432, ER432D, ER432DD
.400 (10.16)
732, 732D, 732TN, RF303, RF313,
RF323
.410 (10.41)
RF312
.350 (8.89)
“M4” Pad for TO-5
ER411, ER411D, ER411DD
.295 (7.49)
ER431, ER431D, ER431DD
.400 (10.16)
RF311
.300 (7.62)
RF331
.410 (10.41)
“M4” Pad for Centigrid®
172, 172D
.305 (7.75)
ER114, ER114D, ER114DD,
J114, J114D, J114DD
.300 (7.62)
ER134, ER134D, ER134DD,
J134, J134D, J134DD
.400 (10.16)
RF100
.315 (8.00)
RF103
.420 (10.67)
“M9” Pad for Centigrid®
122C, A152
.320 (8.13)
ER116C, J116C
.300 (7.62)
ER136C, J136C
.400 (10.16)
RF180
.325 (8.25)
A150
.305 (7.75)
Notes:
1. Spacer pad material: Polyester ¿lm.
2. To specify an “M4” or “M9” spacer pad, refer to the mounting variants portion of the part numbering
example in the applicable datasheet.
3. Dimensions are in inches (mm).
4. Unless otherwise speci¿ed, tolerance is ± .010 (.25).
5. Add 10 m
to the contact resistance show in the datasheet.
6. Add 0.01 oz. (0.25 g) to the weight of the relay assembly shown in the datasheet.
Ø.150
[3.81]
(REF)
Dim
H
MAX
Dim
H
MAX
Dim
H
MAX
.156
[3.96]
(REF)
.256
[6.5]
(REF)
Dim
H
MAX
Appendix A: Spacer Pads
© 2008 Teledyne Relays
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - 422H-26

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
422 TELEDYNE-422 Datasheet
748Kb / 6P
   TO-5 RELAYS ESTABLISHED RELIABILITY MILITARY DPDT
07/2021
logo
List of Unclassifed Man...
422-017-520-100 ETC2-422-017-520-100 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
logo
EDAC, All Rights Reserv...
422-017-520-100 EDAC-422-017-520-100 Datasheet
103Kb / 1P
   422 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | No Mounting Ears
422-017-520-100 EDAC-422-017-520-100 Datasheet
244Kb / 2P
   422 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | No Mounting Ears
logo
List of Unclassifed Man...
422-017-521-100 ETC2-422-017-521-100 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
More results

Similar Description - 422H-26

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
412K TELEDYNE-412K Datasheet
217Kb / 3P
   DPDT high-shock relay
412V TELEDYNE-412V Datasheet
256Kb / 6P
   DPDT basic high-vibration relay
logo
List of Unclassifed Man...
MR62 ETC1-MR62 Datasheet
69Kb / 2P
   DPDT Signal Relay
logo
Teledyne Technologies I...
172 TELEDYNE-172 Datasheet
252Kb / 5P
   DPDT basic relay
712 TELEDYNE-712 Datasheet
310Kb / 6P
   DPDT basic relay
722 TELEDYNE-722 Datasheet
209Kb / 3P
   DPDT basic relay
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Omron Electronics LLC
G6S2FTRDC5 OMRON-G6S2FTRDC5 Datasheet
749Kb / 12P
   Suface Mount DPDT Relay
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ8521 ZETTLER-AZ8521 Datasheet
75Kb / 4P
   DPDT SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com