Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

422H Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # 422H
Description  DPDT high-temperature relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

422H Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  422H Datasheet HTML 1Page - Teledyne Technologies Incorporated 422H Datasheet HTML 2Page - Teledyne Technologies Incorporated 422H Datasheet HTML 3Page - Teledyne Technologies Incorporated 422H Datasheet HTML 4Page - Teledyne Technologies Incorporated 422H Datasheet HTML 5Page - Teledyne Technologies Incorporated 422H Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
412H/422H/432H Page 1
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
©2003 TELEDYNE RELAYS
www.teledynerelays.com
412H/422H/432H/1203/Q1
SERIES
412H
422H
432H
HIGH-TEMPERATURE (200°C),
HIGH-PERFORMANCE
TO-5 RELAY
DPDT
DESCRIPTION
The TO-5 relay, originally conceived and developed by Teledyne, has become one of the
industry standards for low-level switching from dry circuit to 1 ampere. Designed for high-
density PC board mounting, these TO-5 relays are some of the most versatile
ultraminiature relays available because of their small size and low coil power dissipation.
The H Series high-temperature TO-5 relays are designed for reliable operation in
elevated ambient temperatures up to 200°C. Special material selection and processing
provide assurance of freedom from contact contamination and mechanical
malfunctioning that might otherwise be caused by ultra high ambient temperature
conditions.
Typical applications:
• Oil exploration (down hole) instrumentation
• High temperature industrial and process control instrumentation
By virtue of its inherently low intercontact capacitance and contact circuit losses, the H
Series relays have proven to be excellent ultraminiature RF switches for applications with
frequency ranges well into the UHF spectrum (see Figures 1 and 2).
PRINCIPLE OF OPERATION 422H
Energizing Coil B produces a magnetic field
opposing the holding flux of the permanent magnet
in Circuit B. As this net holding force decreases, the
attractive force in the air gap of circuit A, which also
results from the flux of the permanent magnet,
becomes great enough to break the armature free of
Core B, and snap it into a closed position against
Core A. The armature then remains in this position
upon removal of power from Coil B, but will snap
back to position B upon energizing Coil A. Since operation depends upon cancellation
of a magnetic field, it is necessary to apply the correct polarity to the relay coils as
indicated on the relay schematic.
When latching relays are installed in equipment, the latch and reset coils should not be
pulsed simultaneously. Coils should not be pulsed with less than rated coil voltage and
the pulse width should be a minimum of three times the specified operate time of the
relay. If these conditions are not followed, it is possible for the relay to be in the
magnetically neutral position.
INTERNAL CONSTRUCTION
SERIES
DESIGNATION
RELAY TYPE
412H
DPDT high-temperature relay
422H
DPDT high-temperature magnetic-latching relay
432H
DPDT sensitive high-temperature relay
UPPER
STATIONARY
CONTACT
LOWER
STATIONARY
CONTACT
MOVING
CONTACT
UNI-FRAME
ARMATURE
SOFT IRON
ARMATURE
SOFT IRON
CORE B
COIL B
MAGNETIC CIRCUIT B
PERMANENT MAGNET
MAGNETIC CIRCUIT A
SOFT IRON FRAME
COIL A
SOFT IRON
CORE A
AIR GAP
STATIONARY
CONTACT
MOVING
CONTACT
412H
ENVIRONMENTAL AND
432H
PHYSICAL SPECIFICATIONS
Temperature
(Ambient)
–65°C to +200°C
Vibration (General Note 1)
30 g’s to 3000 Hz
Shock (General Note 1)
75 g’s,
6 msec, half-sine
Acceleration
50 g’s
Enclosure
Hermetically sealed
Weight
412H
0.09 oz. (2.55g) max.
432H
0.15 oz. (4.25g) max.
422H
ENVIRONMENTAL AND
PHYSICAL SPECIFICATIONS
Temperature
(Ambient)
–65°C to +200°C
Vibration (General Note 1)
30 g’s to 3000 Hz
Shock (General Note 1)
100 g’s,
6 msec, half-sine
Acceleration
50 g’s
Enclosure
Hermetically sealed
Weight
0.10 oz. (2.84g) max.


Similar Part No. - 422H

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
422 TELEDYNE-422 Datasheet
748Kb / 6P
   TO-5 RELAYS ESTABLISHED RELIABILITY MILITARY DPDT
07/2021
logo
List of Unclassifed Man...
422-017-520-100 ETC2-422-017-520-100 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
logo
EDAC, All Rights Reserv...
422-017-520-100 EDAC-422-017-520-100 Datasheet
103Kb / 1P
   422 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | No Mounting Ears
422-017-520-100 EDAC-422-017-520-100 Datasheet
244Kb / 2P
   422 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | No Mounting Ears
logo
List of Unclassifed Man...
422-017-521-100 ETC2-422-017-521-100 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
More results

Similar Description - 422H

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
412K TELEDYNE-412K Datasheet
217Kb / 3P
   DPDT high-shock relay
412V TELEDYNE-412V Datasheet
256Kb / 6P
   DPDT basic high-vibration relay
logo
List of Unclassifed Man...
MR62 ETC1-MR62 Datasheet
69Kb / 2P
   DPDT Signal Relay
logo
Teledyne Technologies I...
172 TELEDYNE-172 Datasheet
252Kb / 5P
   DPDT basic relay
712 TELEDYNE-712 Datasheet
310Kb / 6P
   DPDT basic relay
722 TELEDYNE-722 Datasheet
209Kb / 3P
   DPDT basic relay
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Omron Electronics LLC
G6S2FTRDC5 OMRON-G6S2FTRDC5 Datasheet
749Kb / 12P
   Suface Mount DPDT Relay
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ8521 ZETTLER-AZ8521 Datasheet
75Kb / 4P
   DPDT SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com