Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

412H Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # 412H
Description  DPDT high-temperature relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

412H Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

  412H Datasheet HTML 1Page - Teledyne Technologies Incorporated 412H Datasheet HTML 2Page - Teledyne Technologies Incorporated 412H Datasheet HTML 3Page - Teledyne Technologies Incorporated 412H Datasheet HTML 4Page - Teledyne Technologies Incorporated 412H Datasheet HTML 5Page - Teledyne Technologies Incorporated 412H Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
.100
[2.54]
.100
[2.54]
.100
[2.54]
"Y" POSITION
"Z" POSITION
.100
[2.54]
.100
[2.54]
.100
[2.54]
"W" POSITION
"U" POSITION
(ER116C and ER136C only)
"X" POSITION
"Z" POSITION
"Y" POSITION
.050
[1.27]
36°±3°
Ø.200
[Ø5.08]
"Z" POSITION
"Y" POSITION
"X" POSITION
45°±3°
"Z" POSITION
"Y" POSITION
Ø.200
[Ø5.08]
Centigrid® Relays:
RF100, RF103, ER114, ER134, 172
Centigrid® Relays:
RF180, ER116C, 122C, ER136C
TO-5 Relays:
ER411T, ER412, ER412T, ER420, ER421, ER422,
ER431T, ER432, ER432T, 712, 712TN, 400H, 400K,
400V, RF300, RF303, RF341, RF312, RF310, RF313,
RF320, RF323
TO-5 Relays:
ER411, ER431, RF311, RF331
NOTES
1. Terminal views shown
2. Dimensions are in inches (mm)
3. Tolerances: ± .010 (±.25) unless otherwise speci¿ed
4. Ground pin positions are within .015 (0.38) dia. of true position
5. Ground pin head dia., 0.035 (0.89) ref: height 0.010 (0.25) ref.
6. Lead dia. 0.017 (0.43) nom.
Indicates ground pin position
Indicates glass insulated lead position
Indicates ground pin or lead position
depending on relay type
Appendix A: Ground Pin Positions
© 2008 Teledyne Relays
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - 412H

ManufacturerPart #DatasheetDescription
logo
ebm-papst
412H EBMPAPST-412H Datasheet
311Kb / 4P
   DC axial compact fan
412H EBMPAPST-412H Datasheet
375Kb / 3P
   DC axial fans
logo
HellermannTyton.
412H622 HELLERMANNTYTON-412H622 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
412H623 HELLERMANNTYTON-412H623 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
412H624 HELLERMANNTYTON-412H624 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
More results

Similar Description - 412H

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
412K TELEDYNE-412K Datasheet
217Kb / 3P
   DPDT high-shock relay
412V TELEDYNE-412V Datasheet
256Kb / 6P
   DPDT basic high-vibration relay
logo
List of Unclassifed Man...
MR62 ETC1-MR62 Datasheet
69Kb / 2P
   DPDT Signal Relay
logo
Teledyne Technologies I...
172 TELEDYNE-172 Datasheet
252Kb / 5P
   DPDT basic relay
712 TELEDYNE-712 Datasheet
310Kb / 6P
   DPDT basic relay
722 TELEDYNE-722 Datasheet
209Kb / 3P
   DPDT basic relay
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Omron Electronics LLC
G6S2FTRDC5 OMRON-G6S2FTRDC5 Datasheet
749Kb / 12P
   Suface Mount DPDT Relay
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ8521 ZETTLER-AZ8521 Datasheet
75Kb / 4P
   DPDT SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com