Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73360ASUZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD73360ASUZ
Description  Six-input Channel Analog Front End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360ASUZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD73360ASUZ Datasheet HTML 12Page - Analog Devices AD73360ASUZ Datasheet HTML 13Page - Analog Devices AD73360ASUZ Datasheet HTML 14Page - Analog Devices AD73360ASUZ Datasheet HTML 15Page - Analog Devices AD73360ASUZ Datasheet HTML 16Page - Analog Devices AD73360ASUZ Datasheet HTML 17Page - Analog Devices AD73360ASUZ Datasheet HTML 18Page - Analog Devices AD73360ASUZ Datasheet HTML 19Page - Analog Devices AD73360ASUZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
REV.
B
AD73360
–15–
Table VII. Control Register A Description
7
654321
0
RESET
DC2
DC1
DC0
SLB
MM
DATA/
PGM
Bit Name
Description
0
DATA/
PGM
Operating Mode (0 = Program; 1 = Data Mode)
1
MM
Mixed Mode (0 = OFF; 1 = Enabled)
2
Reserved
Must Be Programmed to Zero (0)
3
SLB
SPORT Loop-Back Mode (0 = OFF; 1 = Enabled)
4
DC0
Device Count (Bit 0)
5
DC1
Device Count (Bit 1)
6
DC2
Device Count (Bit 2)
7
RESET
Software Reset (0 = OFF; 1 = Initiates Reset)
Table VIII. Control Register B Description
76543210
C E E
MCD2
MCD1
MCD0
SCD1
SCD0
DR1
DR0
Bit Name
Description
0
DR0
Decimation Rate (Bit 0)
1
DR1
Decimation Rate (Bit 1)
2
SCD0
Serial Clock Divider (Bit 0)
3
SCD1
Serial Clock Divider (Bit 1)
4
MCD0
Master Clock Divider (Bit 0)
5
MCD1
Master Clock Divider (Bit 1)
6
MCD2
Master Clock Divider (Bit 2)
7
CEE
Control Echo Enable (0 = OFF; 1 = Enabled)
Table IX. Control Register C Description
76543210
5VEN
RU
PUREF
––––
GPU
Bit Name
Description
0
GPU
Global Power-Up Device (0 = Power Down; 1 = Power Up)
1
Reserved
Must Be Programmed to Zero (0)
2
Reserved
Must Be Programmed to Zero (0)
3
Reserved
Must Be Programmed to Zero (0)
4
Reserved
Must Be Programmed to Zero (0)
5
PUREF
REF Power (0 = Power Down; 1 = Power Up)
6
RU
REFOUT Use (0 = Disable REFOUT; 1 = Enable REFOUT)
7
5VEN
Enable 5 V Operating Mode (0 = Disable 5 V Mode;
1 = Enable 5 V Mode)
CONTROL REGISTER A
CONTROL REGISTER B
CONTROL REGISTER C


Similar Part No. - AD73360ASUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360ASU AD-AD73360ASU Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360ASU AD-AD73360ASU Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360ASU AD-AD73360ASU Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
More results

Similar Description - AD73360ASUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360L AD-AD73360L Datasheet
287Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com