Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73360ARZ-REEL7 Datasheet(PDF) 30 Page - Analog Devices

Part # AD73360ARZ-REEL7
Description  Six-input Channel Analog Front End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360ARZ-REEL7 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD73360ARZ-REEL7 Datasheet HTML 26Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 27Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 28Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 29Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 30Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 31Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 32Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 33Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
REV.
B
AD73360
–29–
APPENDIX B
Programming a Single AD73360 for Mixed Mode Operation
This section describes a typical sequence in programming a
single AD73360 to operate in Mixed Mode. The device is con-
figured in Nonframe Sync Loop-Back (see Figure 14), which
allows the DSP’s Tx Register to determine how many words are
sent to the device during one sample interval. In Nonframe
Sync Loop-Back mode care must be taken when writing to the
AD73360 that an ADC result or register read result contained
in the device’s serial register is not corrupted by a write. The
best way to avoid this is to only write control words when the
AD73360 has no more data to send. This can limit the number
of times a DSP can write to the AD73360 and is dependant on
the SCLK speed and the number of channels powered up. In
this example it is assumed that there are only two channels
powered up and that there is adequate time to transmit data
after the ADC results have been read.
In Step 1, the device has just been reset and the on first output
event the AD73360 presents an invalid ADC sample word
1.
Once this word has been received the DSP can begin transmit-
ting programming information to the AD73360. The first con-
trol word sets the sampling rate at 8 kHz. In Step 2, the DSP
instructs the AD73360 to power up channels 1 and 2 and sets
the gain of each. No data is read from the AD73360 at this
point. Steps 3 and 4 set the reference and places the part into
Mixed Mode. In Steps 5 and 6 valid ADC results are read from
the AD73360 and in Step 7 the DSP sends an instruction to the
AD73360 to change the gain of Channel 1.
NOTE
1This sequence assumes that the DSP SPORT’s Rx and Tx interrupts are
enabled. It is important to ensure there is no latency (separation) between
control words in a cascade configuration. This is especially the case when
programming Control Register B, as it contains settings for SCLK and
DMCLK rates.
DSP Tx REG
CONTROL WORD
1000 0001 0000 0011
DEVICE 1
ADC WORD 1*
0000 0000 0000 0000
DSP Rx REG
0000 0000 0000 0000
STEP 1
DON'T CARE
DSP Tx REG
CONTROL WORD
1000 0011 1111 1010
DEVICE 1
ADC WORD 1*
1011 1001 0000 0011
DSP Rx REG
0000 0000 0000 0000
STEP 2
DON'T CARE
DSP Tx REG
CONTROL WORD
1000 0010 1110 0000
DEVICE 1
ADC WORD 1*
1011 1011 1111 1010
DSP Rx REG
0000 0000 0000 0000
STEP 3
DON'T CARE
DSP Tx REG
CONTROL WORD
1000 0000 0000 0010
DEVICE 1
ADC WORD 1*
1011 1010 1110 0000
DSP Rx REG
0000 0000 0000 0000
STEP 4
DON'T CARE
DSP Tx REG
CONTROL WORD
0111 1111 1111 1111
DEVICE 1
ADC WORD 1
1000 0000 0000 0000
DSP Rx REG
1000 0000 0000 0000
STEP 5
ADC WORD 1
DSP Tx REG
CONTROL WORD
0111 1111 1111 1111
DEVICE 1
ADC WORD 2
1111 0000 0000 0000
DSP Rx REG
1111 0000 0000 0000
STEP 6
ADC WORD 2
DSP Tx REG
CONTROL WORD
1000 0011 1000 0010
DEVICE 1
INVALID DATA
xxxx xxxx xxxx xxxx
DSP Rx REG
1111 0000 0000 0000
STEP 7
ADC WORD 2
SET 8kHz SAMPLING
POWER UP CHANNEL 1&2 AND SET GAINS
POWER UP REFERENCE
SET MIXED MODE
CHANGE GAIN ON CHANNEL 1
RECEIVE VALID ADC DATA
RECEIVE VALID ADC DATA
*ADC DATA RECEIVED BY THE DSP DURING THE PROGRAMMING PHASE SHOULD NOT BE CONSIDERED VALID RESULTS
Figure 33. Programming a Single AD73360 for Operation in Mixed Mode


Similar Part No. - AD73360ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
More results

Similar Description - AD73360ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360L AD-AD73360L Datasheet
287Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com