Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7864-3CB3 Datasheet(PDF) 5 Page - Analog Devices

Part # EVAL-AD7864-3CB3
Description  4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7864-3CB3 Datasheet(HTML) 5 Page - Analog Devices

  EVAL-AD7864-3CB3 Datasheet HTML 1Page - Analog Devices EVAL-AD7864-3CB3 Datasheet HTML 2Page - Analog Devices EVAL-AD7864-3CB3 Datasheet HTML 3Page - Analog Devices EVAL-AD7864-3CB3 Datasheet HTML 4Page - Analog Devices EVAL-AD7864-3CB3 Datasheet HTML 5Page - Analog Devices EVAL-AD7864-3CB3 Datasheet HTML 6Page - Analog Devices EVAL-AD7864-3CB3 Datasheet HTML 7Page - Analog Devices EVAL-AD7864-3CB3 Datasheet HTML 8Page - Analog Devices EVAL-AD7864-3CB3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD7864
Rev. D | Page 4 of 28
Parameter
A Version1
B Version
Unit
Test Conditions/Comments
AD7864-2
Input Voltage Range
0 to 2.5, 0 to 5
0 to 2.5, 0 to 5
V
Input Current (0 V to 2.5 V Option)
±100
±100
nA max
Input Resistance (0 V to 5 V Option)
9
9
kΩ min
REFERENCE INPUT/OUTPUT
VREF In Input Voltage Range
2.375/2.625
2.375/2.625
VMIN/VMAX
2.5 V ± 5%
VREF In Input Capacitance4
10
10
pF max
VREF Out Output Voltage
2.5
2.5
V nom
VREF Out Error @ 25°C
±10
±10
mV max
VREF Out Error TMIN to TMAX
±20
±20
mV max
VREF Out Temperature Coefficient
25
25
ppm/°C typ
VREF Out Output Impedance
6
6
kΩ typ
See the Reference section
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
μA max
Input Capacitance, CIN4
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
V min
ISOURCE = 400 μA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 1.6 mA
DB11 to DB0
High Impedance
Leakage Current
±10
±10
μA max
Capacitance4
10
10
pF max
Output Coding
AD7864-1, AD7864-3
Twos complement
AD7864-2
Straight (natural) binary
CONVERSION RATE
Conversion Time
1.65
1.65
μs max
For one channel
Track-And-Hold Acquisition Time2, 3
0.35
0.35
μs max
Throughput Time
130
130
kSPS max
For all four channels
POWER REQUIREMENTS
VDD
5
5
V nom
±5% for specified performance
IDD
5 μA typical, logic inputs = 0 V or VDD
Normal Mode
24
24
mA max
Standby Mode
20
20
μA max
Typically 4 μA
Power Dissipation
Normal Mode
120
120
mW max
Typically 90 mW
Standby Mode
100
100
μW max
Typically 20 μW
1 Temperature ranges are as follows: A, B versions: –40°C to +85°C. The A version is fully specified up to 105°C with a maximum sample rate of 450 kSPS and IDD
maximum (normal mode) of 26 mA.
2 Performance is measured through the full channel (SHA and ADC).
3 See the Terminology section.
4 Sample tested at initial release to ensure compliance.


Similar Part No. - EVAL-AD7864-3CB3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7864-3CB3 AD-EVAL-AD7864-3CB3 Datasheet
760Kb / 28P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
More results

Similar Description - EVAL-AD7864-3CB3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7864 AD-AD7864 Datasheet
214Kb / 19P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. A
AD7864 AD-AD7864_15 Datasheet
760Kb / 28P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7864 AD-AD7864_09 Datasheet
760Kb / 28P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
logo
Linear Technology
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com