Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7707 Datasheet(PDF) 45 Page - Analog Devices

Part No. AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD7707_17 Datasheet HTML 41Page - Analog Devices AD7707_17 Datasheet HTML 42Page - Analog Devices AD7707_17 Datasheet HTML 43Page - Analog Devices AD7707_17 Datasheet HTML 44Page - Analog Devices AD7707_17 Datasheet HTML 45Page - Analog Devices AD7707_17 Datasheet HTML 46Page - Analog Devices AD7707_17 Datasheet HTML 47Page - Analog Devices AD7707_17 Datasheet HTML 48Page - Analog Devices AD7707_17 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
AD7707
Rev. B | Page 44 of 52
AD420
DAC
CONTROL
ROOM
AD7707
DVDD
+5V
AIN2
REF IN(–)
AGND
MCLK IN
MCLK OUT
REF IN(+)
AVDD
AIN1
LOCOM
+2.5V
AIN3
VBIAS
HICOM
DGND
MICRO-
CONTROLLER
ACTUATOR/
VALVE
±10V
SMART
VALVE/ACTUATOR
RSENSE
Figure 26. Smart Valve/Actuator Control Using the AD7707
REF IN(+)
REF IN(–)
4.7µF
100kΩ
MCLK IN
MCLK OUT
AD7707
VCC
COM
VCC
BOOST
REF OUT1
REF OUT2
REF IN
AD421
C1 C2 C3
COM
LOOP
RTN
COMP
DRIVE
4.7µF
0.01µF
0.1µF
2.2µF
DN25D
1kΩ
1000pF
0.01µF
0.01µF
0.0033µF
SENSORS
RTD
mV
MAIN TRANSMITTER ASSEMBLY
AGND
DGND
THERMOCOUPLE
V
AIN1
3V
1.25V
AIN2
AIN3
MICROCONTROLLER UNIT
•PID
•RANGE SETTING
•CALIBRATION
•LINEARIZATION
•OUTPUT CONTROL
•SERIAL COMMUNICATION
•HART PROTOCOL
AVDD DVDD
4mA
TO
20mA
Figure 27. Smart Transmitter Using the AD7707


Similar Part No. - AD7707_17

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results

Similar Description - AD7707_17

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
Linear Technology
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz