Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5A Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # S5A
Description  Standard Recovery SMD Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S5A Datasheet(HTML) 1 Page - Diotec Semiconductor

  S5A_17 Datasheet HTML 1Page - Diotec Semiconductor S5A_17 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S5A ... S5Y
S5A ... S5Y
Standard Recovery SMD Rectifier Diodes
SMD-Gleichrichterdioden mit Standard-Sperrverzug
IFAV = 5 A
VF
< 1.1 V
Tjmax = 150°C
VRRM = 50...2000 V
IFSM = 180/200 A
trr
~ 1500 ns
Version 2017-03-23
~ SMC / ~ DO-214AB
Dimensions - Maße [mm]
Typical Applications
50/60 Hz Mains Rectification,
Power Supplies, Polarity Protection
Commercial grade 1)
Typische Anwendungen
50/60 Hz Netzgleichrichtung,
Stromversorgungen, Verpolschutz
Standardausführung 1)
Features
VRRM up to 2000 V
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
VRRM bis zu 2000 V
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 13“
Gegurtet auf Rolle
Weight approx.
0.21 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
S5A
50
50
S5B
100
100
S5D
200
200
S5G
400
400
S5J
600
600
S5K
800
800
S5M
1000
1000
S5T
1300
1300
S5W
1600
1600
S5X
1800
1800
S5Y
2000
2000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
5 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
45 A 3)
Peak forward surge current
Stoßstrom in Fluss-Richtung
Half sine-wave
Sinus-Halbwelle
50 Hz (10 ms)
60 Hz (8.3 ms)
IFSM
180 A
200 A
Rating for fusing – Grenzlastintegral
t < 10 ms
i2t
300 A2s
Junction temperature – Sperrschichttemperatur
Operating temperature – Betriebstemperatur (S5T ... S5Y)
Storage temperature – Lagerungstemperatur
Tj
Top
TS
-50...+150°C
125°C
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
3
Mounted on P.C. board with 60 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 60 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.15
Type
Typ
1.2
7.9±0.2
7.2±0.5
Pb
RoHS


Similar Part No. - S5A_17

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S5AX103K1 SEMTECH-S5AX103K1 Datasheet
120Kb / 5P
   High Voltage Capacitors
S5AX103K2 SEMTECH-S5AX103K2 Datasheet
120Kb / 5P
   High Voltage Capacitors
S5AX103K3 SEMTECH-S5AX103K3 Datasheet
120Kb / 5P
   High Voltage Capacitors
S5AX103K4 SEMTECH-S5AX103K4 Datasheet
120Kb / 5P
   High Voltage Capacitors
S5AX103K5 SEMTECH-S5AX103K5 Datasheet
120Kb / 5P
   High Voltage Capacitors
More results

Similar Description - S5A_17

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S1A DIOTEC-S1A_18 Datasheet
157Kb / 2P
   Standard Recovery SMD Rectifier Diodes
S1YL DIOTEC-S1YL Datasheet
163Kb / 3P
   Standard Recovery SMD Rectifier Diodes
S3ASMB DIOTEC-S3ASMB_18 Datasheet
151Kb / 2P
   Standard Recovery SMD Rectifier Diodes
SL1A DIOTEC-SL1A_15 Datasheet
145Kb / 2P
   Standard Recovery SMD Rectifier Diodes
GL1A DIOTEC-GL1A_15 Datasheet
141Kb / 2P
   Standard Recovery SMD Rectifier Diodes
M1 DIOTEC-M1_15 Datasheet
149Kb / 2P
   Standard Recovery SMD Rectifier Diodes
S3A DIOTEC-S3A_15 Datasheet
145Kb / 2P
   Standard Recovery SMD Rectifier Diodes
GL34A DIOTEC-GL34A_15 Datasheet
141Kb / 2P
   Standard Recovery SMD Rectifier Diodes
S16ASD2 DIOTEC-S16ASD2_17 Datasheet
162Kb / 2P
   Standard Recovery SMD Rectifier Diodes
S1YL DIOTEC-S1YL_19 Datasheet
159Kb / 3P
   Standard Recovery SMD Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com