Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT-38SX6C-M Datasheet(PDF) 9 Page - Teledyne Technologies Incorporated

Part # CT-38SX6C-M
Description  Normally Open Coaxial Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CT-38SX6C-M Datasheet(HTML) 9 Page - Teledyne Technologies Incorporated

Back Button CT-38SX6C-M Datasheet HTML 5Page - Teledyne Technologies Incorporated CT-38SX6C-M Datasheet HTML 6Page - Teledyne Technologies Incorporated CT-38SX6C-M Datasheet HTML 7Page - Teledyne Technologies Incorporated CT-38SX6C-M Datasheet HTML 8Page - Teledyne Technologies Incorporated CT-38SX6C-M Datasheet HTML 9Page - Teledyne Technologies Incorporated CT-38SX6C-M Datasheet HTML 10Page - Teledyne Technologies Incorporated CT-38SX6C-M Datasheet HTML 11Page - Teledyne Technologies Incorporated CT-38SX6C-M Datasheet HTML 12Page - Teledyne Technologies Incorporated CT-38SX6C-M Datasheet HTML 13Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCT-38S/CT-38S Page 9
CCT-38S\CT-38S\082013\Q3
Series CCT-38S/CT-38S
Multi-Throw DC–18 GHz/DC-22 GHz
Normally Open Coaxial Switch
COAX SWITCHES
TYPICAL NARROWBAND RF VSWR PERFORMANCE CURVES
RF NOTES
18GHZ+ ELITE MODEL ONLY
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
01234
Frequency (GHz)
VSWR ( DC-4 GHz )
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
45678
Frequency (GHz)
VSWR ( 4-8 GHz )
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
8
9
10
11
12
Frequency (GHz)
VSWR ( 8-12 GHz )
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
12
13
14
15
16
Frequency (GHz)
VSWR ( 12-16 GHz )
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
16
17
18
19
20
Frequency (GHz)
VSWR ( 16-20 GHz )
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
20
20.5
21
21.5
22
Frequency (GHz)
VSWR ( 20-22 GHz )


Similar Part No. - CT-38SX6C-M

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
CT-300 VIMARLOW-CT-300 Datasheet
400Kb / 2P
   Climatherm 300 Series
logo
DIWELL Electronics Co.,...
CT-300N-485 DIWELL-CT-300N-485 Datasheet
1Mb / 5P
   Compact Non-contact Infrared Thermometer
1.0.1 2022. 7. 14.
CT-300N-485-TESTBOARD DIWELL-CT-300N-485-TESTBOARD Datasheet
504Kb / 4P
   CT-N Series Test board
1.0.0 2022. 5. 9.
logo
II-VI Marlow, Inc.
CT-305 VIMARLOW-CT-305 Datasheet
355Kb / 2P
   Climatherm 305 Series
logo
List of Unclassifed Man...
CT-31 ETC2-CT-31 Datasheet
277Kb / 1P
   Rugged Conduction Cooled 3U CompactPCI Intel Atom Processor Blade
More results

Similar Description - CT-38SX6C-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
   Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCS-18 TELEDYNE-CCS-18 Datasheet
1,017Kb / 16P
   Normally Open Coaxial Switch
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CR-38S TELEDYNE-CR-38S Datasheet
817Kb / 13P
   Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
   Normally Open Switch
logo
Teledyne Technologies I...
CCR-38U TELEDYNE-CCR-38U Datasheet
937Kb / 7P
   DC–52 GHz, Unterminated Normally Open SPnT Coaxial Switch
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com