Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HHS3XX60X Datasheet(PDF) 12 Page - Inolux Corporation

Part # HHS3XX60X
Description  3mm Round Lamp with Single Level Housing
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HHS3XX60X Datasheet(HTML) 12 Page - Inolux Corporation

Back Button HHS3XX60X Datasheet HTML 4Page - Inolux Corporation HHS3XX60X Datasheet HTML 5Page - Inolux Corporation HHS3XX60X Datasheet HTML 6Page - Inolux Corporation HHS3XX60X Datasheet HTML 7Page - Inolux Corporation HHS3XX60X Datasheet HTML 8Page - Inolux Corporation HHS3XX60X Datasheet HTML 9Page - Inolux Corporation HHS3XX60X Datasheet HTML 10Page - Inolux Corporation HHS3XX60X Datasheet HTML 11Page - Inolux Corporation HHS3XX60X Datasheet HTML 12Page - Inolux Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
HHS3XX60X Series
3mm Round Lamp
Single Level Housing
Official Product
HHS3XX60X Series
Customer Part No.
Data Sheet No.
****************
****************
HHS3XX60X Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 28, 2013
Version of 1.0
Page
12/12
Revision History
Changes since last revision
Page
Version No.
Revision Date
Initial release for 3mm Single Level Housing
1.0
06-28-2013


Similar Part No. - HHS3XX60X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HHS-109 MACOM-HHS-109 Datasheet
84Kb / 2P
   Hybrid Junction 5 - 200 MHz
HHS-109 MACOM-HHS-109 Datasheet
125Kb / 2P
   Hybrid Junction, 5 - 200 MHz
logo
M/A-COM Technology Solu...
HHS-109 MA-COM-HHS-109 Datasheet
71Kb / 2P
   Hybrid Junction, 5 - 200 MHz
logo
Tyco Electronics
HHS-109PIN MACOM-HHS-109PIN Datasheet
84Kb / 2P
   Hybrid Junction 5 - 200 MHz
HHS-109PIN MACOM-HHS-109PIN Datasheet
125Kb / 2P
   Hybrid Junction, 5 - 200 MHz
More results

Similar Description - HHS3XX60X

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HHT3XX60C INOLUX-HHT3XX60C Datasheet
601Kb / 10P
   3mm Round Lamp with Triple Level Housing
HHD3XX60X INOLUX-HHD3XX60X Datasheet
614Kb / 10P
   Inolux 3mm Round Lamp with Dual Level Housing
HHS5XX60F INOLUX-HHS5XX60F Datasheet
615Kb / 11P
   5mm Round Lamp with Single Level Housing
HHD5XX60G INOLUX-HHD5XX60G Datasheet
602Kb / 10P
   5mm Round Lamp with Dual Level Housing
HHD3XX60D INOLUX-HHD3XX60D Datasheet
536Kb / 9P
   3mm Bi-Color Lamp with Dual Level Housing
logo
List of Unclassifed Man...
QBL7IB40D ETC2-QBL7IB40D Datasheet
545Kb / 6P
   3mm Round Lamp
QBL7IB30C ETC2-QBL7IB30C Datasheet
377Kb / 6P
   3mm Round Lamp
QBL7IB15C ETC1-QBL7IB15C Datasheet
444Kb / 6P
   3mm Round Lamp
QBL7IB40D ETC1-QBL7IB40D Datasheet
545Kb / 6P
   3mm Round Lamp
QBL7IB30C ETC1-QBL7IB30C Datasheet
377Kb / 6P
   3mm Round Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com